Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-TDR009V1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STEVAL-TDR009V1
Description  RF power amplifier demonstration board using: 2 x SD2932 N-channel enhancement-mode lateral MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR009V1 Datasheet(HTML) 3 Page - STMicroelectronics

  STEVAL-TDR009V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR009V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR009V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR009V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR009V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR009V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR009V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR009V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR009V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STEVAL-TDR009V1
Electrical data
Doc ID 17347 Rev 1
3/13
1
Electrical data
1.1
Maximum ratings
2
Electrical characteristics
TA = +25
oC, VDD = 48 V, Idq = 2 x 200 mA
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
PIN
Input power
15
W
POUT
Output power
700
W
TSTG
Storage temperature range
-20 to +70
°C
TC
Operating base plate temperature
0 to +70
°C
IDD
Drain current
22
A
PDISS
Power dissipation
400
W
Table 3.
Electrical specification
Symbol
Test conditions
Min
Typ
Max
Unit
Frequency Frequency range
87.5
108
MHz
POUT
650
700
W
Gain
POUT = 650 W
20 ± 1.0
dB
ND
POUT = 650 W
80
%
H2
2nd harmonic @ POUT = 650 W
-40
dBc
H3
3rd harmonic @ POUT = 650 W
-45
dBc
FL
gain flatness @ POUT = 650 W
± 0.5
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com