Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-TDR014V1 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STEVAL-TDR014V1
Description  Demonstration board based on the PD55008-E for UHF mobile radio
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR014V1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STEVAL-TDR014V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR014V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR014V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR014V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR014V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR014V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR014V1 Datasheet HTML 9Page - STMicroelectronics STEVAL-TDR014V1 Datasheet HTML 10Page - STMicroelectronics STEVAL-TDR014V1 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
STEVAL-TDR014V1
Circuit layout
Doc ID 18112 Rev 1
9/11
Table 3.
Components part list for STEVAL-TDR014V1
Part type
Component ID
Description
Value
Case
size
Manufacturer
Part code
CAP
C1
Capacitor
120 pF
1206
Murata
GRM42-6C0G121J50
CAP
C2
Capacitor
120 pF
1206
Murata
GRM42-6C0G121J50
CAP
C3
Capacitor
1 nF
1206
Murata
GRM42-6C0G102J50
CAP
C4
Capacitor
10 nF
1206
Murata
GRM42-6X7R104K50
Electrolytic
CAP
C5
Capacitor
10 µF
SMT
Panasonic
EEVHB1V100P
CAP
C6
Capacitor
330 pF
100B
ATC
331
CAP
C7
Capacitor
330pF
100B
ATC
331
CAP
C8
Capacitor
12 pF
100B
ATC
120
CAP
C9
Capacitor
39 pF
100B
ATC
390
CAP
C10
Capacitor
43 pF
100B
ATC
430
CAP
C11
Capacitor
12 pF
100B
ATC
120
TL
TL1, TL7
Transmission
Line
W = 2.87 mm
L = 7 mm
TL
TL2
Transmission
Line
W = 4.9 mm
L = 5 mm
TL
TL3, TL4
Transmission
Line
W = 6 mm
L = 3 mm
TL
TL5
Transmission
Line
W = 4.9 mm
L = 2.5 mm
TL
TL6
Transmission
Line
W = 4.9 mm
L = 2.5 mm
Ferrite Bead
B1
Ferrite Bead
PANASONIC
EXCELDRC35C
Ferrite Bead
B2
Ferrite Bead
PANASONIC
EXCELDRC35C
INDUCTOR
L1
Inductor
35.5nH
Coilcraft Mini
Spring
B09TJ
INDUCTOR
L2
Inductor
3.85 nH
Coilcraft Micro
Spring
0906-4J
INDUCTOR
L3
Inductor
8 nH
Coilcraft Mini
Spring
A03TJ
TRANSISTOR
PD55008-E
LDMOS
STMicroelectronics
PD55008-E
Resistor
R1
Resistor
15 ohms
1206
TYCO
ELECTRONICS
01623440-1
POT
R2
Potentiometer
10 k
BOURNS
ELECTRONICS
3214W-1-103E
Resistor
R3
Resistor
1k
1206
TYCO
ELECTRONICS
01623440-1
SMA-CONN
RF in
SMA-CONN
Johnson
142-0701-801
SMA-CONN
RF out
SMA-CONN
Johnson
142-0701-801
ZENER
D1
Zener Diode
5.1 V
SOD110
PHILIPS
BZX284C5V1
BOARD
FR-4 THk=0.060 2OZ Cu Both Sides



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com