Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-TDR020V1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STEVAL-TDR020V1
Description  Portable UHF 2-way radio demonstration board based on the PD84006L-E
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR020V1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STEVAL-TDR020V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR020V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR020V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR020V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR020V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR020V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR020V1 Datasheet HTML 9Page - STMicroelectronics STEVAL-TDR020V1 Datasheet HTML 10Page - STMicroelectronics STEVAL-TDR020V1 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Test circuit
STEVAL-TDR020V1
8/11
Doc ID 18108 Rev 1
Table 4.
Component list
Component ID
Description
Value
Case size
Manufacturer
Part code
B1, B2
Ferrite Bead
Panasonic
EXCELDRC35C
C1, C2
Capacitor
150 pF
0603
MURATA
GRM39-
C0G151J50D500
C3
Capacitor
1 nF
0603
MURATA
GRM39-
COG102J50D500
C4
Capacitor
10 nF
0603
MURATA
GRM39-
X7R103K50C560_
C5
Capacitor
10 uF
SMT
Panasonic
EEVHB1V100P
C6, C13
Capacitor
39 pF
0603
MURATA
GRM39-
C0G390J50D500
C7
Capacitor
3,3 pF
0603
MURATA
GQM1885C2A3R3C
C8
Capacitor
8,2 pF
0603
MURATA
GQM1885C1H8R2D
C9
Capacitor
18 pF
0603
MURATA
GQM1885C1H180J
C10
Capacitor
15 pF
0603
MURATA
GQM1885C1H150J
C11
Capacitor
12 pF
0603
MURATA
GQM1885C1H120J
C12
Capacitor
4,7 pF
0603
MURATA
GQM1885C2A4R7
L1
Inductor
12.55 nH
Coilcraft
1606-10
R1
Resistor
56
Ω
0603
Tyco Electronics
R2
Potentiometer
10 K
Ω
Bourns Electronics
3214W-1-103E
R3
Resistor
1 K
0603
Tyco Electronics
01623440-1
TL1
Transmission
line
W=0.92 mm
L= 13,50
mm
TL2
Transmission
line
W=0.92 mm
L= 3,15 mm
TL3
Transmission
line
W=0.92 mm
L= 2,90 mm
TL4
Transmission
line
W=0.92 mm
L= 2,00 mm
TL5
Transmission
line
W=0.92 mm
L= 2,20 mm
TL6
Transmission
line
W=0.92 mm
L= 13,20
mm
RF in, RF out
SMA-CONN
50
Ω
60 mils
JOHNSON
142-0701-801
PD84006L-E
LDMOS
STMicroelectronics
PD84006L-E
Board
FR-4 THk=0.020" 2OZ Cu both sides



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com