Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-TDR021V1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STEVAL-TDR021V1
Description  Demonstration board using the PD84008L-E for 900 MHz 2-way radio
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR021V1 Datasheet(HTML) 3 Page - STMicroelectronics

  STEVAL-TDR021V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR021V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR021V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR021V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR021V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR021V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR021V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR021V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR021V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STEVAL-TDR021V1
Electrical characteristics
Doc ID 18100 Rev 1
3/11
1
Electrical characteristics
TA = + 25 °C, VDD = 7.5 V, Idq = 50 mA
Table 2.
Electrical specification
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Freq
Frequency range
740
950
MHz
POUT
5W
Gain
@ PIN = 26 dB
11
± 1.0
dB
ND
@ PIN = 26 dB
49 - 54
%
H2
2ND Harmonic @ PIN = 26 dB
-46 / -60
dBc
H3
3RD Harmonic @ PIN = 26 dB
-54 / -60
dBc
VSWR
Load mismatch all phases @ POUT = 5 W
Infinite



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com