Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-TDR023V1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STEVAL-TDR023V1
Description  RF power amplifier using 1 x PD55025-E N-channel enhancement-mode lateral MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR023V1 Datasheet(HTML) 5 Page - STMicroelectronics

  STEVAL-TDR023V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR023V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR023V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR023V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR023V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR023V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR023V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR023V1 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STEVAL-TDR023V1
Circuit layout
Doc ID 18048 Rev 1
5/8
3
Circuit layout
Figure 2.
Circuit layout
Table 3.
Component part list
Part type
Component
ID
Description
Value
Case size
Manufacturer
Part code
CAP
C1
Capacitor
150pF
1206
Murata
GRM42-
6C0G151J50
CAP
C2
Capacitor
150pF
1206
Murata
GRM42-
6C0G151J50
CAP
C3
Capacitor
1 nF
1206
Murata
GRM42-
6C0G102J50
CAP
C4
Capacitor
10 nF
1206
Murata
GRM42-
6X7R104K50
Electrolytic
CAP
C5
Capacitor
220 µF
Tantalum
CAP
C6
Capacitor
1 µF
CAP
C7
Capacitor
47pF
100B
ATC
470
CAP
C8
Capacitor
3.3pF
100B
ATC
3R3
CAP
C9
Capacitor
6.8pF
100B
ATC
6R8
CAP
C10
Capacitor
39pF
100B
ATC
390
CAP
C11
Capacitor
39pF
100B
ATC
390



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com