Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8T141-EVAL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM8T141-EVAL
Description  STM8T141-EVAL evaluation kit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T141-EVAL Datasheet(HTML) 1 Page - STMicroelectronics

  STM8T141-EVAL Datasheet HTML 1Page - STMicroelectronics STM8T141-EVAL Datasheet HTML 2Page - STMicroelectronics STM8T141-EVAL Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
October 2010
Doc ID 18069 Rev 1
1/3
3
STM8T141-EVAL
STM8T141-EVAL evaluation kit
Features
■ STM8T141 evaluation board (MB858)
■ 4 STM8T141 preconfigured plug-in modules
(MB856)
■ Antenna shielding cable
■ Additional 3 mm acrylic panel
■ Touch detection with on-board PCB sensing
electrode and 1.5 mm dielectric panel
■ Easy dielectric adjustment by stacking acrylic
panels
■ Proximity detection with on-board PCB sensing
electrode or plug-in antenna
■ Standalone power configuration using an on-
board battery
■ External power supply through USB interface
■ Electrode grounding or shielding configured by
jumper
Description
The STM8T141-EVAL evaluation kit introduces
developers to STMicroelectronics STM8T141
touch and proximity capacitive sensors.
It contains the STM8T141 evaluation board
MB858, plus a set of preconfigured plug-in
modules which can evaluate the STM8T141
device performance in either touch or proximity
detection (depending on the module which has
been plugged in).
Table 1.
Device summary
Order code
Reference
STM8T141-EVAL
STM8T141-EVAL evaluation
kit
www.st.com


Similar Part No. - STM8T141-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8T141 STMICROELECTRONICS-STM8T141 Datasheet
1Mb / 50P
Single-channel capacitive sensor for touch or proximity detection with shielded sensing electrode
June 2011 Rev 7
More results

Similar Description - STM8T141-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7DALI-EVAL STMICROELECTRONICS-ST7DALI-EVAL Datasheet
59Kb / 3P
ST7DALI-EVAL evaluation kit
22-Nov-2010
STM8L101-EVAL STMICROELECTRONICS-STM8L101-EVAL Datasheet
152Kb / 4P
STM8L101-EVAL evaluation board
02-Aug-2010
STM32L152-EVAL STMICROELECTRONICS-STM32L152-EVAL Datasheet
100Kb / 3P
STM32L152-EVAL evaluation board
07-Jan-2010
STM3210B-EVAL STMICROELECTRONICS-STM3210B-EVAL Datasheet
192Kb / 3P
STM3210B-EVAL evaluation board
09-Aug-2010
STM3240G-EVAL STMICROELECTRONICS-STM3240G-EVAL Datasheet
186Kb / 3P
STM3240G-EVAL evaluation board
15-Sep-2011
STM32100B-EVAL STMICROELECTRONICS-STM32100B-EVAL Datasheet
130Kb / 3P
STM32100B-EVAL evaluation board
09-Aug-2010
STM320518-EVAL STMICROELECTRONICS-STM320518-EVAL Datasheet
95Kb / 3P
STM320518-EVAL evaluation board
23-Apr-2012
STR750-EVAL STMICROELECTRONICS-STR750-EVAL Datasheet
136Kb / 4P
STR750-EVAL evaluation board
25-Oct-2010
UM1018 STMICROELECTRONICS-UM1018 Datasheet
1Mb / 42P
STM32L152-EVAL evaluation board
14-Nov-2011
logo
ams AG
AS6200 AMSCO-AS6200_V01 Datasheet
690Kb / 13P
Eval Kit Manual
2017-Dec-01
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com