Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L152D-EVAL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32L152D-EVAL
Description  STM32L152D-EVAL evaluation board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152D-EVAL Datasheet(HTML) 1 Page - STMicroelectronics

  STM32L152D-EVAL Datasheet HTML 1Page - STMicroelectronics STM32L152D-EVAL Datasheet HTML 2Page - STMicroelectronics STM32L152D-EVAL Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This is information on a product in full production. For further information contact your local STMicroelectronics sales
office.
March 2012
Doc ID 022834 Rev 1
1/3
3
STM32L152D-EVAL
STM32L152D-EVAL evaluation board
Data brief
− production data
Features
■ STM32L152ZDT6 microcontroller
■ Four 5 V power supply options:
–Power jack
– ST-LINK/V2 USB connector
– User USB connector
– Daughterboard
■ Audio jack connected to I2S DAC or
STM32L152ZDT6 internal DAC
■ Microphone connected to ADC using
integrated op amp as amplifier
■ 2 GByte (or more) MicroSD Card on SDIO
■ Temperature sensor and RF EEPROM on I2C
compatible serial interface
■ RS-232 interface configurable for
communication or Flash loader
■ IrDA transceiver
■ 4 Kbit serial Flash, 512 K x 16-bit SRAM and
128 Mbit NOR Flash
■ 240x320 TFT color LCD connected to FSMC
interface of STM32L152ZDT6
■ Joystick with 4-direction control and selector
■ Reset and Tamper or key button
■ 4 color user LEDs
■ 3 LEDs for MCU power range indicator
■ MCU consumption measurement circuit
■ 40x8 glass LCD segments connected to LCD
driver of the STM32L152ZDT6
■ Extension connector for daughterboard or
wrapping board
■ MCU voltage; 3.3 V or adjustable 1.65 V-3.6 V
■ USB FS connector
■ Touch slider
■ Light dependent resistor (LDR)
■ ADC/ DAC input signal connector
■ MCU integrated op amp configured as Sallen-
Key 2nd order low pass filter
■ MCU integrated op amp configured as amplifier
with adjustable gain
■ Potentiometer
■ JTAG and trace debug support
■ Embedded ST-LINK/V2
Description
The STM32L152D-EVAL evaluation board is a
complete demonstration and development
platform for the STM32 L1 series of ultra-low-
power MCUs and includes an STM32L152ZDT6
ARM Cortex-M3 32-bit microcontroller with
384 KB of Flash memory. An ST-LINK/V2 is
integrated on the board as an embedded in-circuit
debugger / programmer for the STM32L152ZDT6.
The full range of hardware features on the board
helps you develop your own applications and
evaluate all peripherals (USB FS, USART, audio
DAC, microphone ADC, dot-matrix LCD, LCD
glass, IrDA, LDR, SRAM, NOR Flash, MicroSD
Card, temperature sensor and so on).
Extension headers facilitate easy connection of
daughterboard or wrapping board for your
application.
www.st.com


Similar Part No. - STM32L152D-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L152 STMICROELECTRONICS-STM32L152 Datasheet
3Mb / 26P
STM32 development boards
STM32L152-EVAL STMICROELECTRONICS-STM32L152-EVAL Datasheet
100Kb / 3P
STM32L152-EVAL evaluation board
07-Jan-2010
STM32L152-SK STMICROELECTRONICS-STM32L152-SK Datasheet
139Kb / 3P
IAR??starter kit for STM32L EnergyLite 32-bit microcontrollers
07-Jun-2011
STM32L152C6 STMICROELECTRONICS-STM32L152C6 Datasheet
2Mb / 121P
Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
07-Feb-2013
STM32L152C6 STMICROELECTRONICS-STM32L152C6 Datasheet
2Mb / 121P
Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
07-Feb-2013
More results

Similar Description - STM32L152D-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L101-EVAL STMICROELECTRONICS-STM8L101-EVAL Datasheet
152Kb / 4P
STM8L101-EVAL evaluation board
02-Aug-2010
STM32L152-EVAL STMICROELECTRONICS-STM32L152-EVAL Datasheet
100Kb / 3P
STM32L152-EVAL evaluation board
07-Jan-2010
STM3210B-EVAL STMICROELECTRONICS-STM3210B-EVAL Datasheet
192Kb / 3P
STM3210B-EVAL evaluation board
09-Aug-2010
STM3240G-EVAL STMICROELECTRONICS-STM3240G-EVAL Datasheet
186Kb / 3P
STM3240G-EVAL evaluation board
15-Sep-2011
STM32100B-EVAL STMICROELECTRONICS-STM32100B-EVAL Datasheet
130Kb / 3P
STM32100B-EVAL evaluation board
09-Aug-2010
STM320518-EVAL STMICROELECTRONICS-STM320518-EVAL Datasheet
95Kb / 3P
STM320518-EVAL evaluation board
23-Apr-2012
STR750-EVAL STMICROELECTRONICS-STR750-EVAL Datasheet
136Kb / 4P
STR750-EVAL evaluation board
25-Oct-2010
UM1510 STMICROELECTRONICS-UM1510 Datasheet
3Mb / 69P
STM32L152D-EVAL demonstration firmware
02-Apr-2012
UM1018 STMICROELECTRONICS-UM1018 Datasheet
1Mb / 42P
STM32L152-EVAL evaluation board
14-Nov-2011
EVAL-L9907 STMICROELECTRONICS-EVAL-L9907 Datasheet
9Mb / 5P
EVAL-L9907 Evaluation Board
April 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com