Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM3210B-PFSTICK Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM3210B-PFSTICK
Description  Hitex STM32-PerformanceStick complete tool package for STM32 evaluation and development
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM3210B-PFSTICK Datasheet(HTML) 1 Page - STMicroelectronics

  STM3210B-PFSTICK Datasheet HTML 1Page - STMicroelectronics STM3210B-PFSTICK Datasheet HTML 2Page - STMicroelectronics STM3210B-PFSTICK Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
October 2007
Rev 1
1/3
3
STM3210B-PFSTICK
Hitex STM32-PerformanceStick
complete tool package for STM32 evaluation and development
Features
■ HiTOP5 integrated development environment
with project manager, editor and high-level
language debugging
■ Tasking VX C/C++ compiler, no code size
limitations
■ STM32-PerformanceStick with STM32F103B
and:
– In-circuit debugging/programming via
dedicated USB connection to the host PC
– Connector for extension I/O boards
– Auxiliary power supply from 3V button
battery
■ Optional extension I/O board with features for
peripheral evaluation (USB, CAN, USART,
IrDA, ...)
■ DashBoard interface for modifying STM32
parameters and viewing performance
indicators
■ C source code for all sample applications and
libraries including:
– USB mouse
– Vectored interrupt controller and timer
– ADC and I/Os
– CAN monitor and generator
– STM32 library from STMicroelectronics
Description
The Hitex STM32-PerformanceStick is a
complete, low-cost evaluation and development
package that provides a fast and easy
introduction to the capabilities of ST’s ARM®
Cortex™-M3 core-based STM32 family of
microcontrollers. It is specifically designed to help
application designers explore STM32 features
and performance characteristics (low power
modes, clock controls, wake up states, etc.), but
can also be connected to extension boards with
hardware features for evaluation of device
peripherals or development of an application.
The Hitex software toolset for STM32 includes
everything developers need to modify and rebuild
the sample applications (C sources included) and
to develop their own applications using the
STM32-PerformanceStick. The software includes
HiTOP5, Hitex’s integrated development
environment that drives the hardware and offers a
full range of project management, source code
editing and debugging features from an intuitive
graphical interface. For more information about
HiTOP5 downloads and updates, refer to the
Hitex website.
The software also includes the Altium Tasking VX
C compiler for compiling application source files.
When using the STM32-PerformanceStick, the
compiler has no output code-size limitations.
The DashBoard graphical interface allows users
to modify STM32 configuration and view
performance information. This is possible thanks
to the innovative hardware design of the STM32-
PerformanceStick, which retrieves STM32 and
peripheral performance information in real time.
www.st.com


Similar Part No. - STM3210B-PFSTICK

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM3210B-PFSTICK STMICROELECTRONICS-STM3210B-PFSTICK Datasheet
140Kb / 6P
Leading-edge architecture with Cortex-M3 core
12-Dec-2014
More results

Similar Description - STM3210B-PFSTICK

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32-PRIMER STMICROELECTRONICS-STM32-PRIMER Datasheet
111Kb / 3P
Raisonance STM32 Primers for fun, easy evaluation and development with STM32
30-Oct-2008
STR9-DK STMICROELECTRONICS-STR9-DK Datasheet
141Kb / 4P
Raisonance?셲 unlimited development tool bundles for STM32, STR7 and STR9
23-Oct-2008
STM32-COMSTICK STMICROELECTRONICS-STM32-COMSTICK Datasheet
131Kb / 3P
Hitex complete, low-cost kit for evaluation and development of STM32 and STR91xF in networked embedded applications
13-Aug-2009
logo
List of Unclassifed Man...
STM32-E407 ETC2-STM32-E407 Datasheet
9Mb / 30P
STM32-E407 development board USER?셎 MANUAL
logo
STMicroelectronics
UM2048 STMICROELECTRONICS-UM2048 Datasheet
866Kb / 12P
DSI to HDMI adapter board for STM32 Development Tools
HDMI
STM8L-PRIMER STMICROELECTRONICS-STM8L-PRIMER Datasheet
265Kb / 7P
Raisonance STM32 and STM8 Primers for fun, easy evaluation and development with STM32 and STM8
14-Oct-2013
STM32-JAVA STMICROELECTRONICS-STM32-JAVA Datasheet
84Kb / 3P
Fully-integrated Java development environment and solution for STM32 MCUs
July 2014 Rev 4
STM3240G-JAVA STMICROELECTRONICS-STM3240G-JAVA Datasheet
190Kb / 3P
STM32 F4 series Java evaluation kit
January 2013 Rev 2
B-LCDAD-HDMI1 STMICROELECTRONICS-B-LCDAD-HDMI1 Datasheet
353Kb / 3P
DSI to HDMI adapter board for STM32 Development Tools
June 2016 Rev 1
STM32 STMICROELECTRONICS-STM32 Datasheet
3Mb / 26P
STM32 development boards
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com