Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM3240G-EVAL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM3240G-EVAL
Description  STM3240G-EVAL evaluation board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM3240G-EVAL Datasheet(HTML) 1 Page - STMicroelectronics

  STM3240G-EVAL Datasheet HTML 1Page - STMicroelectronics STM3240G-EVAL Datasheet HTML 2Page - STMicroelectronics STM3240G-EVAL Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
September 2011
Doc ID 022233 Rev 1
1/3
3
STM3240G-EVAL
STM3240G-EVAL evaluation board
Features
■ STM32F407IGH6 microcontroller
■ 16 Mbit SRAM
■ 1 Gbyte or more MicroSD card
■ Boot from user Flash, system memory or
SRAM
■ Both ISO/IEC 14443 type A and B smartcard
support
■ I2C compatible serial interface 64 Kbit
EEPROM, MEMS and I/O expander
■ IEEE 802.3-2002 compliant Ethernet
connector
■ Two CAN 2.0 A/B channels on the same DB
connector
■ RS-232 communication
■ IrDA transceiver
■ USB OTG (HS and FS) with Micro-AB
connector
■ Inductor motor control connector
■ I2S Audio DAC, stereo audio jack for headset
■ 3.2" 240x320 TFT color LCD with touch screen
■ 4 color LEDs
■ Camera module and extension connector for
ST camera plug-in
■ Joystick with 4-direction control and selector
■ Reset, wakeup, tamper and user button
■ RTC with backup battery
■ Extension connector for daughterboard or
wrapping board
■ JTAG, SW and trace debug support
■ Embedded ST-LINK/V2
■ Five 5V power supply options: Power jack,
USB FS connector, USB HS connector, ST-
LINK/V2 or daughterboard
Description
The STM3240G-EVAL evaluation board is a
complete demonstration and development
platform for the STM32 F4 series and includes an
STM32F407IGH6 high-performance ARM®
Cortex™-M4F 32-bit microcontroller.
The full range of hardware features on the board
is provided to help you evaluate all peripherals
(USB OTG HS, USB OTG FS, Ethernet, motor
control, CAN, MicroSD card, smartcard, USART,
Audio DAC, RS-232, IrDA, SRAM, MEMS,
EEPROM… etc.) and develop your own
applications.
The in-circuit ST-LINK/V2 tool can be easily used
for JTAG and SWD interface debugging and
programming.
www.st.com


Similar Part No. - STM3240G-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM3240G-JAVA STMICROELECTRONICS-STM3240G-JAVA Datasheet
190Kb / 3P
STM32 F4 series Java evaluation kit
January 2013 Rev 2
STM3240G-SK STMICROELECTRONICS-STM3240G-SK Datasheet
201Kb / 3P
IAR??starter kit for STM32F4 series 32-bit microcontrollers
24-Nov-2011
More results

Similar Description - STM3240G-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L101-EVAL STMICROELECTRONICS-STM8L101-EVAL Datasheet
152Kb / 4P
STM8L101-EVAL evaluation board
02-Aug-2010
STM32L152-EVAL STMICROELECTRONICS-STM32L152-EVAL Datasheet
100Kb / 3P
STM32L152-EVAL evaluation board
07-Jan-2010
STM3210B-EVAL STMICROELECTRONICS-STM3210B-EVAL Datasheet
192Kb / 3P
STM3210B-EVAL evaluation board
09-Aug-2010
STM3220G-EVAL STMICROELECTRONICS-STM3220G-EVAL Datasheet
233Kb / 3P
STM3220G-EVAL evaluation board
24-Mar-2011
STM32100B-EVAL STMICROELECTRONICS-STM32100B-EVAL Datasheet
130Kb / 3P
STM32100B-EVAL evaluation board
09-Aug-2010
STM320518-EVAL STMICROELECTRONICS-STM320518-EVAL Datasheet
95Kb / 3P
STM320518-EVAL evaluation board
23-Apr-2012
STR750-EVAL STMICROELECTRONICS-STR750-EVAL Datasheet
136Kb / 4P
STR750-EVAL evaluation board
25-Oct-2010
UM0629 STMICROELECTRONICS-UM0629 Datasheet
872Kb / 26P
STM8L101-EVAL evaluation board
06-Nov-2009
UM1018 STMICROELECTRONICS-UM1018 Datasheet
1Mb / 42P
STM32L152-EVAL evaluation board
14-Nov-2011
EVAL-L9907 STMICROELECTRONICS-EVAL-L9907 Datasheet
9Mb / 5P
EVAL-L9907 Evaluation Board
April 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com