Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32100B-EVAL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32100B-EVAL
Description  STM32100B-EVAL evaluation board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32100B-EVAL Datasheet(HTML) 1 Page - STMicroelectronics

  STM32100B-EVAL Datasheet HTML 1Page - STMicroelectronics STM32100B-EVAL Datasheet HTML 2Page - STMicroelectronics STM32100B-EVAL Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
August 2010
Doc ID 17806 Rev 1
1/3
3
STM32100B-EVAL
STM32100B-EVAL evaluation board
Features
■
Three 5 V power supply options: power jack,
ST-LINK connector or daughterboard
■
Boot from user Flash, system memory or
SRAM
■
Speaker
■
1 Gbyte microSD Card™ or more
■
16 Mbyte serial Flash
■
I2C/SMBus compatible serial interface
temperature sensor
■
Two RS-232 communication channels with
support for RTS/CTS handshake on one
channel
■
IrDA transceiver
■
Induction motor control connector
■
JTAG and SWD debug support
■
240x320 TFT color LCD
■
Joystick with 4-direction control and selector
■
Reset, wakeup, tamper and user push buttons
■
Four LEDs
■
RTC with backup battery
■
Extension connector for daughterboard or
wrapping board
■
Embedded ST-LINK
■
IDD current measurement circuit
■
HDMI CEC
Description
The STM32100B-EVAL evaluation board is
designed as a complete development
environment for STMicroelectronic’s ARMTM
Cortex-M3 core-based STM32F100VBT6 128
Kbyte microcontroller.
With a complete range of hardware evaluation
features, the STM32100B-EVAL board is
designed to help developers evaluate all device
peripherals (such as HDMI CEC, motor control,
LCD, microSD Card™, serial Flash, speaker, IrDA
and USART) and develop their own applications.
Extension connectors make it possible to easily
connect a daughterboard or wrapping board for a
specific application.
An ST-LINK is integrated on the board as an
embedded in-circuit debugger and programmer
for the STM32F100VBT6 MCU.
Table 1.
Device summary
Order code
Reference
STM32100B-EVAL
STM32F100VBT6 evaluation
board
www.st.com


Similar Part No. - STM32100B-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32100B-MCKIT STMICROELECTRONICS-STM32100B-MCKIT Datasheet
56Kb / 3P
Motor control starter kit
01-Sep-2011
More results

Similar Description - STM32100B-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L101-EVAL STMICROELECTRONICS-STM8L101-EVAL Datasheet
152Kb / 4P
STM8L101-EVAL evaluation board
02-Aug-2010
STM32L152-EVAL STMICROELECTRONICS-STM32L152-EVAL Datasheet
100Kb / 3P
STM32L152-EVAL evaluation board
07-Jan-2010
STM3210B-EVAL STMICROELECTRONICS-STM3210B-EVAL Datasheet
192Kb / 3P
STM3210B-EVAL evaluation board
09-Aug-2010
STM3220G-EVAL STMICROELECTRONICS-STM3220G-EVAL Datasheet
233Kb / 3P
STM3220G-EVAL evaluation board
24-Mar-2011
STM3240G-EVAL STMICROELECTRONICS-STM3240G-EVAL Datasheet
186Kb / 3P
STM3240G-EVAL evaluation board
15-Sep-2011
STM320518-EVAL STMICROELECTRONICS-STM320518-EVAL Datasheet
95Kb / 3P
STM320518-EVAL evaluation board
23-Apr-2012
STR750-EVAL STMICROELECTRONICS-STR750-EVAL Datasheet
136Kb / 4P
STR750-EVAL evaluation board
25-Oct-2010
UM0629 STMICROELECTRONICS-UM0629 Datasheet
872Kb / 26P
STM8L101-EVAL evaluation board
06-Nov-2009
UM1018 STMICROELECTRONICS-UM1018 Datasheet
1Mb / 42P
STM32L152-EVAL evaluation board
14-Nov-2011
EVAL-L9907 STMICROELECTRONICS-EVAL-L9907 Datasheet
9Mb / 5P
EVAL-L9907 Evaluation Board
April 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com