Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N60Z Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2N60Z
Description  2A, 600V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N60Z Datasheet(HTML) 1 Page - Unisonic Technologies

  2N60Z Datasheet HTML 1Page - Unisonic Technologies 2N60Z Datasheet HTML 2Page - Unisonic Technologies 2N60Z Datasheet HTML 3Page - Unisonic Technologies 2N60Z Datasheet HTML 4Page - Unisonic Technologies 2N60Z Datasheet HTML 5Page - Unisonic Technologies 2N60Z Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2N60Z
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-829.B
2A, 600V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 2N60Z is a high voltage power MOSFET and is
designed to have better characteristics, such as fast switching
time, low gate charge, low on-state resistance and have a high
rugged avalanche characteristics. This power MOSFET is usually
used at high speed switching applications in power supplies, PWM
motor controls, high efficient DC to DC converters and bridge
circuits.
FEATURES
* RDS(ON) = 5Ω@VGS = 10V
* Ultra Low gate charge (typical 9.0nC)
* Low reverse transfer capacitance (CRSS = typical 5.0 pF)
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
2N60ZL-TF3-T
2N60ZG-TF3-T
TO-220F
G
D
S
Tube
2N60ZL-TM3-T
2N60ZG-TM3-T
TO-251
G
D
S
Tube
2N60ZL-TN3-T
2N60ZG-TN3-T
TO-252
G
D
S
Tube
2N60ZL-TN3-R
2N60ZG-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 2N60Z

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N60ZL UTC-2N60ZL Datasheet
219Kb / 6P
2A, 600V N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
2N60ZL-TM3-T VBSEMI-2N60ZL-TM3-T Datasheet
1Mb / 9P
N-Channel 650 V (D-S) Power MOSFET
2N60ZL-TN3-R VBSEMI-2N60ZL-TN3-R Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
2N60ZL-TN3-T VBSEMI-2N60ZL-TN3-T Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
logo
Unisonic Technologies
2N60ZLG-TM3-T UTC-2N60ZLG-TM3-T Datasheet
219Kb / 6P
2A, 600V N-CHANNEL POWER MOSFET
More results

Similar Description - 2N60Z

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD2N60 AOSMD-AOD2N60 Datasheet
148Kb / 6P
2A, 600V N-Channel MOSFET
logo
Unisonic Technologies
2N60 UTC-2N60_12 Datasheet
245Kb / 6P
2A, 600V N-CHANNEL POWER MOSFET
2N60L UTC-2N60L_11 Datasheet
190Kb / 6P
2A, 600V N-CHANNEL POWER MOSFET
logo
Advanced Monolithic Sys...
AMS2N60 AMS-AMS2N60 Datasheet
325Kb / 6P
2A, 600V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
2N60ZL UTC-2N60ZL Datasheet
219Kb / 6P
2A, 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT2N60 AOSMD-AOT2N60_10 Datasheet
165Kb / 6P
600V,2A N-Channel MOSFET
logo
Unisonic Technologies
2N60 UTC-2N60_14 Datasheet
280Kb / 7P
2A, 600V N-CHANNEL POWER MOSFET
2N60K UTC-2N60K Datasheet
226Kb / 6P
2A, 600V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF2N60 FCI-IRF2N60 Datasheet
101Kb / 3P
2A 600V N CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOY2N60 AOSMD-AOY2N60 Datasheet
400Kb / 6P
600V,2A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com