Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3336C Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # RF3336C
Description  868.35 MHz SAW Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF3336C Datasheet(HTML) 2 Page - RF Monolithics, Inc

  RF3336C Datasheet HTML 1Page - RF Monolithics, Inc RF3336C Datasheet HTML 2Page - RF Monolithics, Inc RF3336C Datasheet HTML 3Page - RF Monolithics, Inc RF3336C Datasheet HTML 4Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 2 of 4
©2008 by RF Monolithics, Inc.
RF3336C - 3/21/08
1
2
3
8
Input
Output
7
6
5
4
10nH
1.0nH
15.0nH
Absolute Maximum Ratings
Rating
Value
Units
Input Power Level
10
dBm
DC Voltage
12
VDC
Storage Temperature
-40 to +85
°C
Soldering Temperature
(10 seconds / 5 cycles max.)
260
°C
Pin
Connection
1
Input
2
Ground
3
Output Return
4
Case Ground
5Output
6
Ground
7
Input Return
8
Case Ground
Matching Circuit to 50
Ω
Electrical Connections
A
1
2
3
B
7
6
5
4
C
D 7
6
5
4
E
F
G
1
2
3
8
8
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
4.8
5.0
5.2
0.189
0.197
0.205
B
4.8
5.0
5.2
0.189
0.197
0.205
C
1.7
0.067
D
2.08
0.082
E
1.17
0.046
F
0.64
0.025
G
2.39
2.54
2.69
0.094
0.100
0.106
Case Dimensions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com