Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-IFP019V1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STEVAL-IFP019V1
Description  Quad high-side smart-power solid-state relay demonstration board based on the VNI4140K-32
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IFP019V1 Datasheet(HTML) 3 Page - STMicroelectronics

  STEVAL-IFP019V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IFP019V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IFP019V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IFP019V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IFP019V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STEVAL-IFP019V1
Connectors
Doc ID 022565 Rev 1
3/5
2
Connectors
The STEVAL-IFP019V1 demonstration board uses input header connectors; one screw
drives the four-channel output connector and one screw drives the two-channel supply
connector.
Both input connectors, J5 and J1, provide the same bi-directional demonstration board
signalization guaranteeing maximum compatibility with existing ST tools.
Figure 2.
J1 connector pinout
Figure 3.
J5 connector pinout
Table 1.
Connector J1 and J5 pinout mapping
J1 pin number
J5 pin number
Signal
Type
11
1
Vdd
5 / 3.3 V supply voltage
23
2
GND
Signal ground
9
3
IN1
Input channel 1
13
4
IN2
Input channel 2
15
5
IN3
Input channel 3
17
6
IN4
Input channel 4
6
7
STAT1
Status channel 1
25
8
STAT2
Status channel 2
21
9
STAT3
Status channel 3
19
10
STAT4
Status channel 4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com