Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-IFS017V5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IFS017V5
Description  Temperature sensor daughter card based on the STTS751-1WB3F in SOT package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IFS017V5 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IFS017V5 Datasheet HTML 1Page - STMicroelectronics STEVAL-IFS017V5 Datasheet HTML 2Page - STMicroelectronics STEVAL-IFS017V5 Datasheet HTML 3Page - STMicroelectronics STEVAL-IFS017V5 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
February 2012
Doc ID 022859 Rev 1
1/4
4
STEVAL-IFS017V5
Temperature sensor daughter card based on the STTS751-1WB3F
in SOT package
Features
■ Multiple device temperature sensor
■ USB powered
■ RoHS compliant
Description
The STEVAL-IFS017V5 demonstration board is a
temperature sensor daughter card based on the
STTS751-1WB3F in SOT package.
The STEVAL-IFS017V5 daughter card can be
mounted into the STEVAL-IFS017V1
motherboard platform in order to test the multiple
temperature sensor and real-time clock (RTC).
www.st.com


Similar Part No. - STEVAL-IFS017V5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFS017V3 STMICROELECTRONICS-STEVAL-IFS017V3 Datasheet
83Kb / 4P
Temperature sensor daughter card based on the STTS751-1DP3F in UDFN package
28-Feb-2012
STEVAL-IFS017V4 STMICROELECTRONICS-STEVAL-IFS017V4 Datasheet
86Kb / 4P
Temperature sensor daughter card based on STTS751-0WB3F in SOT package
28-Feb-2012
STEVAL-IFS017V6 STMICROELECTRONICS-STEVAL-IFS017V6 Datasheet
404Kb / 4P
Temperature sensor daughter card based on the STTS2002B2DN3F in TDFN8 package
28-Feb-2012
More results

Similar Description - STEVAL-IFS017V5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LBT-121 ETC-LBT-121 Datasheet
155Kb / 3P
Compact package based on the double-mold method.
LBT-125 ETC1-LBT-125 Datasheet
147Kb / 3P
Compact package based on the double-mold method
logo
Texas Instruments
TMP708 TI1-TMP708 Datasheet
551Kb / 14P
Resistor-Programmable Temperature Switch in SOT Package
TMP709 TI1-TMP709 Datasheet
551Kb / 14P
Resistor-Programmable Temperature Switch in SOT Package
logo
STMicroelectronics
STEVAL-IFS017V3 STMICROELECTRONICS-STEVAL-IFS017V3 Datasheet
83Kb / 4P
Temperature sensor daughter card based on the STTS751-1DP3F in UDFN package
28-Feb-2012
STEVAL-IFS017V4 STMICROELECTRONICS-STEVAL-IFS017V4 Datasheet
86Kb / 4P
Temperature sensor daughter card based on STTS751-0WB3F in SOT package
28-Feb-2012
STEVAL-IFS017V6 STMICROELECTRONICS-STEVAL-IFS017V6 Datasheet
404Kb / 4P
Temperature sensor daughter card based on the STTS2002B2DN3F in TDFN8 package
28-Feb-2012
logo
Central Semiconductor C...
CXDM3069N_4060N_6053N CENTRAL-CXDM3069N_4060N_6053N Datasheet
1Mb / 2P
MOSFETs in the SOT-89 package
logo
Texas Instruments
TMP709 TI1-TMP709_15 Datasheet
704Kb / 15P
Resistor-Programmable Temperature Switch in SOT Package
logo
STMicroelectronics
STEVAL-IPC003V1 STMICROELECTRONICS-STEVAL-IPC003V1 Datasheet
117Kb / 5P
Adapter board (daughter board for the STM3210C_EVAL) for a thermal printer based on the L293DD
August 2010
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com