Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-IHM021V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IHM021V2
Description  100 W, 3-phase inverter based on the L6390 and UltraFASTmesh??MOSFET for speed FOC of 3-phase PMSM motor drives
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IHM021V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IHM021V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-IHM021V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-IHM021V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-IHM021V2 Datasheet HTML 4Page - STMicroelectronics STEVAL-IHM021V2 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
November 2011
Doc ID 17189 Rev 2
1/5
5
STEVAL-IHM021V2
100 W, 3-phase inverter based on the L6390 and UltraFASTmesh™
MOSFET for speed FOC of 3-phase PMSM motor drives
Features
Wide range input voltage
Maximum power: up to 100 W at 230 Vac input
STD5N52U power MOSFET (4.4 A, 520 V)
Compatible with other power switches in DPAK
packages (i.e. the STGD6NC60HD or
STGDL6NC60DI)
15 V auxiliary power supply connector
Motor control connector for interfacing with
STM32-based control stages
Three shunt resistor-based motor current
sensing network
Target applications: refrigerator compressors
and dishwasher pumps
RoHS compliant
Description
The STEVAL-IHM021V2 demonstration board
implements a 100 W, 3-phase inverter for field-
oriented control (FOC) of permanent magnet
synchronous motors (PMSM).
The 3-phase inverter bridge is based on the
STD5N52U power MOSFET with enhanced fast
body-drain recovery diode in a DPAK package,
and the L6390. The L6390 represents the latest in
high-voltage half-bridge gate drivers featuring an
integrated comparator for hardware protection
against overcurrent, overtemperature, etc. The
device also features an embedded operational
amplifier suitable for advanced current sensing.
The STEVAL-IHM021V2 has been specifically
designed to achieve fast and accurate
conditioning of the three shunt resistor-based
motor current feedback network, matching the
requirements typical for high-end applications
such as field-oriented motor control.
As an alternative to the STD5N52U, the
STGD6NC60HD or STGDL6NC60DI IGBT
devices may also be used on the board for
frequencies lower and higher than 10 kHz,
respectively. In either case, no replacement of the
switches driving the network is required.
The board is compatible with 110 and 230 Vac
mains, and includes a power supply stage using
the VIPer12A-E (in buck configuration) to
generate the +15 V and +3.3 V supply voltage
required by the application. The board can be
interfaced with the STM3210B-EVAL (STM32
microcontroller demonstration board) through the
dedicated motor control connector.
STEVAL-IHM021V2
www.st.com


Similar Part No. - STEVAL-IHM021V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHM023V2 STMICROELECTRONICS-STEVAL-IHM023V2 Datasheet
509Kb / 9P
1 kW 3-phase motor control demonstration board featuring L6390 drivers and STGP10NC60KD IGBT
26-Sep-2011
STEVAL-IHM023V3 STMICROELECTRONICS-STEVAL-IHM023V3 Datasheet
656Kb / 9P
Tachometer input
04-Nov-2014
STEVAL-IHM024V1 STMICROELECTRONICS-STEVAL-IHM024V1 Datasheet
174Kb / 5P
100 W 3-phase inverter using the L6390 and STGDL6NC60DI for vector control
29-Oct-2009
STEVAL-IHM025V1 STMICROELECTRONICS-STEVAL-IHM025V1 Datasheet
246Kb / 8P
1 kW 3-phase motor control demonstration board featuring the IGBT SLLIMM??STGIPL14K60
26-Apr-2011
STEVAL-IHM027V1 STMICROELECTRONICS-STEVAL-IHM027V1 Datasheet
447Kb / 5P
Power board with MC connector based on the STGIPS10K60A 10 A, 600 V intelligent power module
21-Feb-2012
More results

Similar Description - STEVAL-IHM021V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFN003V1 STMICROELECTRONICS-STEVAL-IFN003V1 Datasheet
368Kb / 5P
PMSM FOC motor driver based on the L6230 and STM32F103
20-Oct-2011
STEVAL-IHM024V1 STMICROELECTRONICS-STEVAL-IHM024V1 Datasheet
174Kb / 5P
100 W 3-phase inverter using the L6390 and STGDL6NC60DI for vector control
29-Oct-2009
STEVAL-IHM031V1 STMICROELECTRONICS-STEVAL-IHM031V1 Datasheet
186Kb / 6P
3-phase low voltage inverter power board for FOC and scalar motor control based on the STS8DNH3LL MOSFET
13-Jan-2010
STEVAL-IHM035V1 STMICROELECTRONICS-STEVAL-IHM035V1 Datasheet
146Kb / 6P
3-phase high voltage inverter power board for FOC and scalar motor control based on the STGIPN3H60 (SLLIMM??nano)
12-Apr-2012
UM0580 STMICROELECTRONICS-UM0580 Datasheet
994Kb / 24P
100 W 3 phase inverter featuring L6390 and STD5NK52ZD
29-Sep-2008
UM1491 STMICROELECTRONICS-UM1491 Datasheet
417Kb / 25P
100 W 3-phase inverter demonstration board using the L6390 and STD5N52U for vector control
10-Nov-2011
STGIPS15C60T-H STMICROELECTRONICS-STGIPS15C60T-H Datasheet
640Kb / 19P
3-phase inverters for motor drives
09-Apr-2015
STEVAL-IHM035V2 STMICROELECTRONICS-STEVAL-IHM035V2 Datasheet
250Kb / 6P
3-phase high voltage inverter power board for FOC and scalar motor control based on the STGIPN3H60 (SLLIMM™nano)
22-Aug-2012
STEVAL-IHM045V1 STMICROELECTRONICS-STEVAL-IHM045V1 Datasheet
353Kb / 7P
3-phase high voltage inverter power board for FOC based on the STGIPN3H60A (SLLIMM™ nano)
May 2014 Rev 1
EVSPIN32F06Q1S1 STMICROELECTRONICS-EVSPIN32F06Q1S1 Datasheet
4Mb / 22P
3-phase inverter based on STSPIN32F0601
January 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com