Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP-82224 Datasheet(PDF) 18 Page - Sony Corporation

Part # CXP-82224
Description  CMOS 8-bit Single Chip Microcomputer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP-82224 Datasheet(HTML) 18 Page - Sony Corporation

Back Button CXP-82224 Datasheet HTML 13Page - Sony Corporation CXP-82224 Datasheet HTML 14Page - Sony Corporation CXP-82224 Datasheet HTML 15Page - Sony Corporation CXP-82224 Datasheet HTML 16Page - Sony Corporation CXP-82224 Datasheet HTML 17Page - Sony Corporation CXP-82224 Datasheet HTML 18Page - Sony Corporation CXP-82224 Datasheet HTML 19Page - Sony Corporation CXP-82224 Datasheet HTML 20Page - Sony Corporation CXP-82224 Datasheet HTML 21Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
– 18 –
CXP82220/82224
(3) A/D converter characteristics
VZT∗1
VFT∗2
tCONV
tSAMP
VREF
VIAN
IREF
IREFS
Ta = 25°C
VDD = AVDD = 5.0V
VDD = AVss = 0V
Operation mode
Sleep mode
Stop mode
32kHz operation mode
AVREF
–10
4930
160/fADC ∗3
12/fADC ∗3
VDD – 0.5
0
Item
Symbol
Pin
Condition
Min.
Typ.
Max.
Unit
Bits
Resolution
Linearity error
Zero transition voltage
Full-scale
transition voltage
Conversion time
Sampling time
Reference input voltage
Analog input voltage
AVREF current
(Ta = –20 to +75°C, VDD = 4.5 to 5.5V, AVREF = 4.0 to AVDD, Vss = AVss = 0V reference)
8
±5
150
5120
VDD
AVREF
1.0
10
70
5050
0.6
LSB
mV
mV
µs
µs
V
V
mA
µA
Analog input
Linearity error
00H
01H
FEH
FFH
VZT
VFT
Fig. 6. Definitions of A/D converter terms
AVREF
AN0 to AN7
∗1 V
ZT
: Value at which the digital conversion value
changes from 00H to 01H and vice versa.
∗2 V
FT
: Value at which the digital conversion value
changes from FEH to FFH and vice versa.
∗3 f
ADC
indicates the below values due to ADC operation
clock selection (ADCS: Bit 6 of address 00F9H).
During PS2 selection, fADC = fc/2
During PS1 selection, fADC = fc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com