Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ILB004V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ILB004V1
Description  Demonstration board: multipower ballast for T5 fluorescent tube lamps based on the ST7LIT19BF1 and STP5NK60Z
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILB004V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ILB004V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILB004V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILB004V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILB004V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
December 2008
Rev 1
1/4
4
STEVAL-ILB004V1
Demonstration board: multipower ballast for T5 fluorescent
tube lamps based on the ST7LIT19BF1 and STP5NK60Z
Features
■ Improved efficiency
■ Increased lamp life
■ Lightweight with smaller dimensions
■ Better lamp power control
Description
The STEVAL-ILB004V1 demonstration board is
an electronic ballast that adds “intelligence” to
ballast circuits, thanks to the use of a
microcontroller. Rather than having a dedicated
circuit for each tube lamp with a single ballast, the
STEVAL-ILB004V1 can drive many different lamp
groups. The system is capable of recognizing T5-
type fluorescent lamps, with power ratings of 24
W, 39 W, 54 W and 80 W. It consists of two main
blocks: a boost converter (power factor controller)
working in transition mode (fixed TON and
variable frequency), and an inverter in half-bridge
configuration working in zero-voltage switching.
Both the ballast and PFC stages are controlled by
the ST7LIT19BF1 microcontroller, which provides
its signal to the L6382D5 power management
unit. The power management unit delivers the
right voltage and current levels to the
STP5NK60Z power MOSFET. After tube
recognition, the system sets the parameters to
drive the lamp correctly.
STEVAL-ILB004V1
www.st.com


Similar Part No. - STEVAL-ILB004V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILB001V2 STMICROELECTRONICS-STEVAL-ILB001V2 Datasheet
115Kb / 4P
Discontinuous-conduction mode
23-Sep-2010
STEVAL-ILB005V2 STMICROELECTRONICS-STEVAL-ILB005V2 Datasheet
122Kb / 4P
Demonstration board for the L6585DE combo IC for PFC and ballast control
18-Mar-2009
STEVAL-ILB007V1 STMICROELECTRONICS-STEVAL-ILB007V1 Datasheet
90Kb / 4P
2 x 58 W wide-range ballast based on the L6585DE combo IC
28-Jan-2011
STEVAL-ILB008V1 STMICROELECTRONICS-STEVAL-ILB008V1 Datasheet
118Kb / 4P
End-of-life detection
25-Feb-2011
STEVAL-ILB009V1 STMICROELECTRONICS-STEVAL-ILB009V1 Datasheet
216Kb / 4P
2 x 28 W electronic ballast with active PFC based on the STD3N62K3 and STD845DN40 BJT devices
08-Mar-2012
More results

Similar Description - STEVAL-ILB004V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
MEMS: demonstration board based on the LPR4150AL
16-Jun-2010
STEVAL-MKI116V1 STMICROELECTRONICS-STEVAL-MKI116V1 Datasheet
360Kb / 5P
MEMS microphone demonstration board based on the MP34DB01 and STM32
27-Mar-2012
STEVAL-MKI117V1 STMICROELECTRONICS-STEVAL-MKI117V1 Datasheet
363Kb / 5P
MEMS microphone demonstration board based on the MP34DT01 and STM32
27-Mar-2012
STEVAL-MKI117V2 STMICROELECTRONICS-STEVAL-MKI117V2 Datasheet
353Kb / 5P
MEMS microphone demonstration board based on the MP45DT02 and STM32
27-Mar-2012
STEVAL-ILH005V2 STMICROELECTRONICS-STEVAL-ILH005V2 Datasheet
754Kb / 6P
150 W electronic ballast for HID lamps based on the L6562A and ST7LITE39F2
04-Nov-2011
STEVAL-ILL029V1 STMICROELECTRONICS-STEVAL-ILL029V1 Datasheet
147Kb / 7P
Front panel demonstration board based on the STLED325 and STM8S
23-Jun-2010
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
AN2640 STMICROELECTRONICS-AN2640 Datasheet
1Mb / 36P
Intelligent multipower digital ballast for fluorescent lamps
28-Jan-2008
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
charger demonstration board based on the VIPER17HN
09-Dec-2008
EVAL6574B STMICROELECTRONICS-EVAL6574B Datasheet
398Kb / 8P
CFL/TL ballast driver preheat and dimming demonstration board based on the L6574
May 2013 Rev 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com