Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ILB007V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ILB007V1
Description  2 x 58 W wide-range ballast based on the L6585DE combo IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILB007V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ILB007V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILB007V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILB007V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILB007V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
January 2011
Doc ID 16969 Rev 2
1/4
4
STEVAL-ILB007V1
2 x 58 W wide-range ballast based on the L6585DE combo IC
Features
■ Input voltage: 85 to 265 VRMS
■ Line frequency: 50/60Hz
■ Capable of driving 2 x 58 W T8-type tubes
■ Power factor: 0.9
■ THD: 10%
■ Average efficiency: 90%
■ End-of-life detection
■ Broken lamp protection
■ RoHS compliant
Description
The STEVAL-ILB007V1 demonstration board is
capable of driving 2 x 58 W linear T8 fluorescent
tubes, and with simple modifications can also be
adapted for 2 x 36 W linear T8 fluorescent tubes.
The ballast is controlled by the L6585DE device,
which integrates PFC and half-bridge control
circuits, the relevant drivers, and the circuitry to
manage all lamp operating phases (pre-heating,
ignition and run mode). Protection against failures
such as lamp disconnection, anti-capacitive mode
and PFC over-voltage are guaranteed and
achieved using a minimum number of external
components.
An electronic ballast consumes less power and
therefore dissipates less heat than an
electromagnetic ballast. The energy saved can be
estimated to be in the range of 20-25% for a given
lamp power.
Finally, the electronic solution allows better
control of the filament current and lamp voltage
during pre-heating, resulting in an increase in
lamp life.
STEVAL-ILB007V1
www.st.com


Similar Part No. - STEVAL-ILB007V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILB001V2 STMICROELECTRONICS-STEVAL-ILB001V2 Datasheet
115Kb / 4P
Discontinuous-conduction mode
23-Sep-2010
STEVAL-ILB004V1 STMICROELECTRONICS-STEVAL-ILB004V1 Datasheet
95Kb / 4P
Demonstration board: multipower ballast for T5 fluorescent tube lamps based on the ST7LIT19BF1 and STP5NK60Z
02-Dec-2008
STEVAL-ILB005V2 STMICROELECTRONICS-STEVAL-ILB005V2 Datasheet
122Kb / 4P
Demonstration board for the L6585DE combo IC for PFC and ballast control
18-Mar-2009
STEVAL-ILB008V1 STMICROELECTRONICS-STEVAL-ILB008V1 Datasheet
118Kb / 4P
End-of-life detection
25-Feb-2011
STEVAL-ILB009V1 STMICROELECTRONICS-STEVAL-ILB009V1 Datasheet
216Kb / 4P
2 x 28 W electronic ballast with active PFC based on the STD3N62K3 and STD845DN40 BJT devices
08-Mar-2012
More results

Similar Description - STEVAL-ILB007V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVLVIP37LE5V3A STMICROELECTRONICS-EVLVIP37LE5V3A Datasheet
243Kb / 6P
Wide range single-output demonstration board based on the VIPER37LE
16-May-2012
STEVAL-ILB005V2 STMICROELECTRONICS-STEVAL-ILB005V2 Datasheet
122Kb / 4P
Demonstration board for the L6585DE combo IC for PFC and ballast control
18-Mar-2009
STEVAL-ILB009V1 STMICROELECTRONICS-STEVAL-ILB009V1 Datasheet
216Kb / 4P
2 x 28 W electronic ballast with active PFC based on the STD3N62K3 and STD845DN40 BJT devices
08-Mar-2012
STEVAL-ILL038V1 STMICROELECTRONICS-STEVAL-ILL038V1 Datasheet
144Kb / 4P
LED resonant driver demonstration board based on the L6585DE
20-Jul-2011
STEVAL-ISA080V1 STMICROELECTRONICS-STEVAL-ISA080V1 Datasheet
88Kb / 4P
90 W HB LLC resonant converter demonstration board based on the L6585DE combo IC
25-Feb-2011
AN2870 STMICROELECTRONICS-AN2870 Datasheet
1Mb / 41P
L6585DE combo IC
26-Mar-2009
AN2872 STMICROELECTRONICS-AN2872 Datasheet
587Kb / 23P
Super wide-range buck converter based on the VIPer16
23-Apr-2009
STEVAL-ISA110V1 STMICROELECTRONICS-STEVAL-ISA110V1 Datasheet
1Mb / 10P
12 V/12 W wide-range non-isolated flyback based on the VIPER26LN
11-Feb-2013
STEVAL-ISA111V1 STMICROELECTRONICS-STEVAL-ISA111V1 Datasheet
809Kb / 9P
Wide-range single-output demonstration board based on the VIPER26HN
10-Dec-2012
STEVAL-ISA113V1 STMICROELECTRONICS-STEVAL-ISA113V1 Datasheet
1Mb / 11P
Wide range single-output demonstration board based on the VIPER06HS
10-Jan-2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com