Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ILL034V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ILL034V1
Description  LED driver for an A19 lamp based on the L6562A for USA market
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILL034V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ILL034V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILL034V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILL034V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILL034V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
November 2010
Doc ID 18284 Rev 1
1/4
4
STEVAL-ILL034V1
LED driver for an A19 lamp based on the L6562A
for USA market
Features
■ Input voltage: 96-132 Vac, 60 Hz, non-
dimmable,
■ TRIAC dimmer safety (no damage)
■ Output current: 370 mA into 5 to 12-LED series
string(s)
■ Topology: step-down (buck) switching
regulator
■ Regulation of LED current
■ Power factor acceptable for US market for
residential use
■ RoHS compliant
Description
The STEVAL-ILL034V1 demonstration board is
able to implement a non-dimmable, non-isolated
LED driver.
The physical design is small enough to fit inside
the base of an A19 bulb outline.
The coupled inductor has a step-down winding to
power the L6562A PFC driver.
STEVAL-ILL034V1
www.st.com


Similar Part No. - STEVAL-ILL034V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILL030V1 STMICROELECTRONICS-STEVAL-ILL030V1 Datasheet
197Kb / 12P
LED lighting control demonstration board using DMX512 based on the STM32F103C6 and STCS1A
24-Nov-2010
STEVAL-ILL031V1 STMICROELECTRONICS-STEVAL-ILL031V1 Datasheet
145Kb / 6P
Digital constant-current controller for LED driving based on the STM8S208x
11-Nov-2010
STEVAL-ILL033V1 STMICROELECTRONICS-STEVAL-ILL033V1 Datasheet
322Kb / 6P
Control unit with PS2 keyboard interface for data entry
21-Oct-2011
STEVAL-ILL035V1 STMICROELECTRONICS-STEVAL-ILL035V1 Datasheet
256Kb / 6P
Up to 15 white LEDs per channel
04-Jun-2012
STEVAL-ILL037V1 STMICROELECTRONICS-STEVAL-ILL037V1 Datasheet
91Kb / 4P
Demonstration board for the HVLED805 IC for LED power supply
13-Apr-2011
More results

Similar Description - STEVAL-ILL034V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN808 STMICROELECTRONICS-VN808 Datasheet
251Kb / 1P
OCTAL HIGH SIDE DRIVER FOR THE AUTOMATION MARKET
6100-4-4
STEVAL-ILH005V2 STMICROELECTRONICS-STEVAL-ILH005V2 Datasheet
754Kb / 6P
150 W electronic ballast for HID lamps based on the L6562A and ST7LITE39F2
04-Nov-2011
STEVAL-ILL017V1 STMICROELECTRONICS-STEVAL-ILL017V1 Datasheet
126Kb / 4P
Offline constant current LED driver based on the VIPer17
01-Sep-2008
STEVAL-ILL028V1 STMICROELECTRONICS-STEVAL-ILL028V1 Datasheet
302Kb / 7P
RGB LED driver for color displays and backlighting based on the STP1612PW05 and STM32
16-Jun-2010
STEVAL-ILL038V1 STMICROELECTRONICS-STEVAL-ILL038V1 Datasheet
144Kb / 4P
LED resonant driver demonstration board based on the L6585DE
20-Jul-2011
STEVAL-ILL041V1 STMICROELECTRONICS-STEVAL-ILL041V1 Datasheet
304Kb / 4P
A 93% efficient LED driver solution for the US market
31-Oct-2011
AN2823 STMICROELECTRONICS-AN2823 Datasheet
1Mb / 33P
Current source for LED driving based on the L5973AD
11-Aug-2009
AN3256 STMICROELECTRONICS-AN3256 Datasheet
945Kb / 23P
Low-cost LED driver for an A19 lamp
23-Sep-2010
logo
Ohmite Mfg. Co.
RES-2010SMD OHMITE-RES-2010SMD Datasheet
304Kb / 2P
Smallest wirewound on the market
logo
RF Monolithics, Inc
DM1810-434-XK RFM-DM1810-434-XK Datasheet
95Kb / 1P
ETSI-certified for the European market
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com