Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-IPB001V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IPB001V1
Description  2 W, 3-phase SMPS for breaker applications based on the STC04IE170HP ESBT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IPB001V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IPB001V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IPB001V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IPB001V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IPB001V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
November 2010
Doc ID 18241 Rev 1
1/4
4
STEVAL-IPB001V1
2 W, 3-phase SMPS for breaker applications
based on the STC04IE170HP ESBT
Features
■ Active startup network for improved efficiency
■ Input voltage: 150 to 1250 VDC
■ Output voltage: 24 V / 83 mA
■ Output power: 2 W
■ Switching frequency: 30 kHz
■ Dedicated transformer construction
■ Efficiency: > 80%
■ RoHS compliant
Description
The design implemented in the STEVAL-
IPB001V1 demonstration board represents a
complete solution for a 2 W single-output SMPS
(switched-mode power supply), which is widely
used to supply power in breaker applications.
The SMPS employs the UC3845B PWM driver,
and uses the STC04IE170HP ESBT as the main
switch.
This design can also be applied to power supplies
for 3-phase power metering applications, as it can
be easily upgraded for higher output power.
STEVAL-IPB001V1
www.st.com


Similar Part No. - STEVAL-IPB001V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPC001V1 STMICROELECTRONICS-STEVAL-IPC001V1 Datasheet
189Kb / 4P
Smartcard manager for reader and writer
01-Sep-2008
STEVAL-IPC002V1 STMICROELECTRONICS-STEVAL-IPC002V1 Datasheet
179Kb / 7P
Thermal printer-based parking ticket vending machine
08-Mar-2010
STEVAL-IPC003V1 STMICROELECTRONICS-STEVAL-IPC003V1 Datasheet
117Kb / 5P
Adapter board (daughter board for the STM3210C_EVAL) for a thermal printer based on the L293DD
August 2010
STEVAL-IPC004V1 STMICROELECTRONICS-STEVAL-IPC004V1 Datasheet
413Kb / 14P
Handheld point-of-sale (POS) based on the STM32F107VC
October 2012 Rev 1
STEVAL-IPE002V1 STMICROELECTRONICS-STEVAL-IPE002V1 Datasheet
225Kb / 4P
Electricity Meter (mono phase) - Measurement Board 2 Current Transformers
January 2006 Rev 1
More results

Similar Description - STEVAL-IPB001V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHM021V2 STMICROELECTRONICS-STEVAL-IHM021V2 Datasheet
176Kb / 5P
100 W, 3-phase inverter based on the L6390 and UltraFASTmesh??MOSFET for speed FOC of 3-phase PMSM motor drives
10-Nov-2011
STEVAL-ISA019V3 STMICROELECTRONICS-STEVAL-ISA019V3 Datasheet
107Kb / 4P
80 W ESBT quasi-resonant wide-range SMPS demonstration board based on the L6565 for 3-phase applications
28-Apr-2011
STEVAL-ISA033V1 STMICROELECTRONICS-STEVAL-ISA033V1 Datasheet
252Kb / 6P
55 W flyback SMPS demonstration board for alarm system based on the L5991 and STP12NK80Z
09-Jun-2008
STEVAL-ISA034V1 STMICROELECTRONICS-STEVAL-ISA034V1 Datasheet
158Kb / 4P
10 W 3-phase auxiliary power supply based on the L6565 and STW3N150
08-Feb-2008
STEVAL-ISA036V1 STMICROELECTRONICS-STEVAL-ISA036V1 Datasheet
155Kb / 4P
5 W wide range SMPS demonstration board for metering and motor control based on the ESBT짰 STC04IE170HP
17-Feb-2009
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
6 W dual output SMPS demonstration board based on the VIPER17
11-Jun-2009
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
6 W dual output SMPS demonstration board based on the VIPER17
11-Jun-2009
AN2454 STMICROELECTRONICS-AN2454 Datasheet
2Mb / 24P
Universal input voltage power supply for ESBT based breaker and metering applications
19-Dec-2006
STEVAL-ISA030V1 STMICROELECTRONICS-STEVAL-ISA030V1 Datasheet
93Kb / 4P
6 W 3-phase SMPS for metering evaluation board
06-Dec-2007
STEVAL-ISA041V1 STMICROELECTRONICS-STEVAL-ISA041V1 Datasheet
163Kb / 4P
125 W SMPS based on the STP12IE95F4 ESBT switch with L6565 PWM controller
16-Apr-2010
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com