Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA034V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA034V1
Description  10 W 3-phase auxiliary power supply based on the L6565 and STW3N150
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA034V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA034V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA034V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA034V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA034V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
February 2008
Rev 1
1/4
4
STEVAL-ISA034V1
10 W 3-phase auxiliary power supply
based on the L6565 and STW3N150
Features
■ Input voltage range : 185 Vac to 460 Vac
■ Input frequency range: 50/60 Hz
■ Output 1: 12 V @0.6 A
■ Output 2: 5 V @ 0.55 A
■ Output power : 10 W
■ Safety: EN60950
■ EMI: EN55014
Description
This evaluation board offers a solution for
industrial power supplies fed by 3-phase mains. It
takes advantage of the high voltage MOSFET
STW3N150 to optimize the operation of the quasi-
resonant flyback converter based on the primary
controller L6565. The STW3N150 is a 1500 V
power MOSFET, designed with
STMicroelectronics’ proprietary high voltage
"MESH OVERLAY™" technology. Thanks to this
technology, the switch features very low RDS(on)
per area, low gate charge and high switching
performance. The evaluation board has been
designed and developed to address low power
applications. It features two isolated outputs (12 V
and 5 V) and is capable of delivering up to 10 W
of output power.
STEVAL-ISA034V1
www.st.com


Similar Part No. - STEVAL-ISA034V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA030V1 STMICROELECTRONICS-STEVAL-ISA030V1 Datasheet
93Kb / 4P
6 W 3-phase SMPS for metering evaluation board
06-Dec-2007
STEVAL-ISA032V1 STMICROELECTRONICS-STEVAL-ISA032V1 Datasheet
160Kb / 5P
60 W forward converter demonstration board for fiscal cash register based on the L5991 and STP10NK60Z
30-Jun-2008
STEVAL-ISA033V1 STMICROELECTRONICS-STEVAL-ISA033V1 Datasheet
252Kb / 6P
55 W flyback SMPS demonstration board for alarm system based on the L5991 and STP12NK80Z
09-Jun-2008
STEVAL-ISA035V1 STMICROELECTRONICS-STEVAL-ISA035V1 Datasheet
94Kb / 4P
Integrated short-circuit protection
18-Jan-2010
STEVAL-ISA036V1 STMICROELECTRONICS-STEVAL-ISA036V1 Datasheet
155Kb / 4P
5 W wide range SMPS demonstration board for metering and motor control based on the ESBT짰 STC04IE170HP
17-Feb-2009
More results

Similar Description - STEVAL-ISA034V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA007V1 STMICROELECTRONICS-STEVAL-ISA007V1 Datasheet
129Kb / 5P
High power 3-phase auxiliary power supply evaluation board Based on L5991 and ESBT STC08DE150HV
27-Jun-2007
STEVAL-IPB001V1 STMICROELECTRONICS-STEVAL-IPB001V1 Datasheet
99Kb / 4P
2 W, 3-phase SMPS for breaker applications based on the STC04IE170HP ESBT
18-Nov-2010
STEVAL-IPE008V1 STMICROELECTRONICS-STEVAL-IPE008V1 Datasheet
287Kb / 8P
Energy meter (3-phase) demonstration board based on the STPM01 and STR715FR0
25-Nov-2008
STEVAL-ISA019V3 STMICROELECTRONICS-STEVAL-ISA019V3 Datasheet
107Kb / 4P
80 W ESBT quasi-resonant wide-range SMPS demonstration board based on the L6565 for 3-phase applications
28-Apr-2011
STEVAL-ISA096V1 STMICROELECTRONICS-STEVAL-ISA096V1 Datasheet
238Kb / 4P
Auxiliary power supply in buck-boost topology based on the Viper06
18-Apr-2012
CCA028V1 STMICROELECTRONICS-CCA028V1 Datasheet
124Kb / 5P
10 W 10 W class-D audio amplifier demonstration board based on the TDA7491P
05-Oct-2011
AN2713 STMICROELECTRONICS-AN2713 Datasheet
1Mb / 40P
LNB power supply based on the LNBH23 supply
13-Nov-2009
AN2936 STMICROELECTRONICS-AN2936 Datasheet
307Kb / 10P
10 W SMPS with HV power MOSFET and the L6565
16-Mar-2009
AN3352 STMICROELECTRONICS-AN3352 Datasheet
1Mb / 26P
Dual LNB power supply based on the LNBH24L
25-Nov-2011
STEVAL-ISA041V1 STMICROELECTRONICS-STEVAL-ISA041V1 Datasheet
163Kb / 4P
125 W SMPS based on the STP12IE95F4 ESBT switch with L6565 PWM controller
16-Apr-2010
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com