Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA071V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA071V1
Description  4 W non-isolated, wide input-voltage range SMPS demonstration board based on the VIPER16
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA071V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA071V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA071V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA071V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA071V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
June 2010
Doc ID 17294 Rev 2
1/4
4
STEVAL-ISA071V1
4 W non-isolated, wide input-voltage range SMPS
demonstration board based on the VIPER16
Features
■ Input:
–VIN: 85 - 264 Vrms
– f: 45 - 66 Hz
■ Output:
– 12 VDC ± 10% (referred to -5 V), 160 mA
–-5 VDC ± 4%, 400 mA
■ Maximum output power: 4 W (for EU range up
to 6 W)
■ Standby: 70 mW at 230 VAC
■ Short-circuit protected
■ Isolation: non-isolated; N connected to output
GND
■ EMI: in accordance with EN55022 class B
■ RoHS compliant
Description
The STEVAL-ISA071V1 switched-mode power
supply (SMPS) demonstration board is dedicated
to mains applications requiring -5 V and +7 V
referred to neutral. The non-isolated SMPS is
capable of delivering 4 W of output power over a
wide input voltage range. This capability can also
be applied to higher power outputs or different
voltage ranges.
The SMPS generates 5 V and 12 V. The 5 V can
be used to supply the MCU, directly driving a Triac
connected to neutral, and the 12 V can be used to
supply additional circuits, such as relays, OAs,
etc.
STEVAL-ISA071V1
www.st.com


Similar Part No. - STEVAL-ISA071V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA070V1 STMICROELECTRONICS-STEVAL-ISA070V1 Datasheet
300Kb / 4P
3 A / 1.5 MHz step-down synchronous switching regulator based on the ST1S31 in SO-8 package
11-Apr-2012
STEVAL-ISA075V1 STMICROELECTRONICS-STEVAL-ISA075V1 Datasheet
228Kb / 4P
RoHS compliant
15-Jan-2014
STEVAL-ISA076V1 STMICROELECTRONICS-STEVAL-ISA076V1 Datasheet
85Kb / 4P
Both linear and quasi-pulse operation
03-May-2011
STEVAL-ISA076V2 STMICROELECTRONICS-STEVAL-ISA076V2 Datasheet
94Kb / 4P
USB compatible battery charger demo board with integrated power switch for Li-Ion/Li-Polymer based on the L6924U
25-Feb-2011
STEVAL-ISA077V1 STMICROELECTRONICS-STEVAL-ISA077V1 Datasheet
96Kb / 4P
High efficiency synchronous rectifier step-up converter demonstration board based on the L6920DB
17-Nov-2010
More results

Similar Description - STEVAL-ISA071V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVLVIP37LE5V3A STMICROELECTRONICS-EVLVIP37LE5V3A Datasheet
243Kb / 6P
Wide range single-output demonstration board based on the VIPER37LE
16-May-2012
STEVAL-ISA010V1 STMICROELECTRONICS-STEVAL-ISA010V1 Datasheet
188Kb / 4P
Ultra wide range dual output back converter demonstration board based on the VIPER16
06-May-2009
STEVAL-ISA019V3 STMICROELECTRONICS-STEVAL-ISA019V3 Datasheet
107Kb / 4P
80 W ESBT quasi-resonant wide-range SMPS demonstration board based on the L6565 for 3-phase applications
28-Apr-2011
STEVAL-ISA036V1 STMICROELECTRONICS-STEVAL-ISA036V1 Datasheet
155Kb / 4P
5 W wide range SMPS demonstration board for metering and motor control based on the ESBT짰 STC04IE170HP
17-Feb-2009
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
6 W dual output SMPS demonstration board based on the VIPER17
11-Jun-2009
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
6 W dual output SMPS demonstration board based on the VIPER17
11-Jun-2009
AN2872 STMICROELECTRONICS-AN2872 Datasheet
587Kb / 23P
Super wide-range buck converter based on the VIPer16
23-Apr-2009
STEVAL-ISA110V1 STMICROELECTRONICS-STEVAL-ISA110V1 Datasheet
1Mb / 10P
12 V/12 W wide-range non-isolated flyback based on the VIPER26LN
11-Feb-2013
STEVAL-ISA111V1 STMICROELECTRONICS-STEVAL-ISA111V1 Datasheet
809Kb / 9P
Wide-range single-output demonstration board based on the VIPER26HN
10-Dec-2012
STEVAL-ISA113V1 STMICROELECTRONICS-STEVAL-ISA113V1 Datasheet
1Mb / 11P
Wide range single-output demonstration board based on the VIPER06HS
10-Jan-2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com