Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISB007V1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STEVAL-ISB007V1
Description  Low cost Li-Ion battery charger demonstration board based on the ST7260 and L6924U
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISB007V1 Datasheet(HTML) 4 Page - STMicroelectronics

  STEVAL-ISB007V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISB007V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISB007V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISB007V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISB007V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISB007V1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Circuit schematics
STEVAL-ISB007V1
4/6
Figure 3.
Power supply
Figure 4.
USB-B connector
Figure 5.
Reset
ADPT_V
VIN
USBDM
USBDP
VBUS
USB-mini-B CONN
USBLC6-2SC6
.5A
100nF
C7
100nF
C7
C17
4.7nF
C17
4.7nF
R29
1M
R29
1M
U3
U3
GND
2
I/O1
6
I/O2
3
I/O2
4
I/O1
1
VBUS
USB CONN1
USB CONN1
USB_VCC
1
USBDM
2
USBDP
3
USB_GND
5
SHELL
6
SHELL
7
SHELL
8
ID
4
SHELL
9
D7
STPS1L30U
D7
STPS1L30U
R8
22
R8
22
R7
22
R7
22
J2
J2
3
1
2
VBUS_CHECK
CONTROL_IO
ADPT_CHECK
VBUS
ADPT_V
VBUS
VIN
R27
10k
R27
10k
R25
10k
R25
10k
D8
STPS1L30U
D8
STPS1L30U
R28
10k
R28
10k
R26
10k
R26
10k
VIN
VIN
RESET
SOT23
STM1001
1M
R3
1M
R3
10nF
C1
10nF
C1
U1
U1
VSS
3
RST
1
VCC
2
SW1
SW1
4k7
R1
4k7
R1
10nF
C2
10nF
C2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com