Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISB009V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISB009V1
Description  Li-Ion battery monitoring and gas-gauge demonstration board based on the STC3100
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISB009V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISB009V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISB009V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISB009V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISB009V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
November 2010
Doc ID 18142 Rev 1
1/4
4
STEVAL-ISB009V1
Li-Ion battery monitoring and gas-gauge demonstration board
based on the STC3100
Features
■ Accurate battery voltage measurement
■ Coulomb counter to keep track of the battery’s
state-of-charge
■ Internal temperature sensor
■ Internal or external 32 kHz time base
■ I2C interface for battery monitoring and device
control
■ 0.5 % battery voltage accuracy
■ 1 % Coulomb counter accuracy using an
external RTC signal (3.5 % using the internal
time base).
■ Low power consumption: 100 µA in operating
conditions, 2 µA in stand-by mode
■ RoHS compliant
Description
The STEVAL-ISB009V1 demonstration board,
based on the STC3100, is able to monitor the
critical parameters of a single-cell Li-Ion battery
(voltage, temperature, and current) and includes
hardware functions to implement a gas-gauge for
battery charge monitoring, based on a
programmable 12-bit to 14-bit A/D converter.
The battery current can be up to 2.5 A and the
accumulator system provides a capacity up to +/-
7000 mAh with a resolution of 0.2 mAh.
The device is programmable through an I2C
interface.
STEVAL-ISB009V1
www.st.com


Similar Part No. - STEVAL-ISB009V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISB002V1 STMICROELECTRONICS-STEVAL-ISB002V1 Datasheet
122Kb / 4P
High efficiency step-down controller demonstration board with embedded 2 A LDO regulator based on the ST72F324L
19-Nov-2010
STEVAL-ISB005V1 STMICROELECTRONICS-STEVAL-ISB005V1 Datasheet
131Kb / 4P
Low-cost Li-Ion battery charger demonstration board based on the ST7263BK6 and L6924D
09-Jun-2010
STEVAL-ISB006V1 STMICROELECTRONICS-STEVAL-ISB006V1 Datasheet
147Kb / 4P
Dual USB/wall adapter Li-Ion battery charger with gas gauge demonstration board based on the STw4102
27-Nov-2008
STEVAL-ISB007V1 STMICROELECTRONICS-STEVAL-ISB007V1 Datasheet
270Kb / 6P
Low cost Li-Ion battery charger demonstration board based on the ST7260 and L6924U
26-Feb-2009
STEVAL-ISB008V1 STMICROELECTRONICS-STEVAL-ISB008V1 Datasheet
119Kb / 4P
Standalone USB Li-Ion battery charger demonstration board based on the STw4102 and STM32F103C6
10-Nov-2009
More results

Similar Description - STEVAL-ISB009V1

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS4002AG SSC-SS4002AG Datasheet
967Kb / 23P
Smart Li-Ion Battery Gas Gauge
logo
STMicroelectronics
STEVAL-ISB005V1 STMICROELECTRONICS-STEVAL-ISB005V1 Datasheet
131Kb / 4P
Low-cost Li-Ion battery charger demonstration board based on the ST7263BK6 and L6924D
09-Jun-2010
STEVAL-ISB006V1 STMICROELECTRONICS-STEVAL-ISB006V1 Datasheet
147Kb / 4P
Dual USB/wall adapter Li-Ion battery charger with gas gauge demonstration board based on the STw4102
27-Nov-2008
STEVAL-ISB007V1 STMICROELECTRONICS-STEVAL-ISB007V1 Datasheet
270Kb / 6P
Low cost Li-Ion battery charger demonstration board based on the ST7260 and L6924U
26-Feb-2009
STEVAL-ISB008V1 STMICROELECTRONICS-STEVAL-ISB008V1 Datasheet
119Kb / 4P
Standalone USB Li-Ion battery charger demonstration board based on the STw4102 and STM32F103C6
10-Nov-2009
STEVAL-ISB011V1 STMICROELECTRONICS-STEVAL-ISB011V1 Datasheet
148Kb / 4P
Li-ion battery monitoring system demonstration board based on the STC3100 and STM32
15-Mar-2010
STEVAL-ISB012V1 STMICROELECTRONICS-STEVAL-ISB012V1 Datasheet
903Kb / 6P
Battery monitoring system demonstration board based on the STC3105
23-Nov-2011
STEVAL-ISB013V1 STMICROELECTRONICS-STEVAL-ISB013V1 Datasheet
77Kb / 4P
Battery monitor demonstration board with alarm output for gas gauge applications based on the STC3105
14-Nov-2011
logo
Texas Instruments
BQ28550-R1 TI1-BQ28550-R1 Datasheet
1Mb / 42P
Single Cell Li-Ion Battery Gas Gauge
BQ28Z560-R1 TI1-BQ28Z560-R1_14 Datasheet
1Mb / 61P
Single Cell Li-Ion Battery Gas Gauge
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com