Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-PCC010V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-PCC010V2
Description  Ethernet with ST802RT1A and STM32F207 demonstration board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-PCC010V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-PCC010V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-PCC010V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-PCC010V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-PCC010V2 Datasheet HTML 4Page - STMicroelectronics STEVAL-PCC010V2 Datasheet HTML 5Page - STMicroelectronics STEVAL-PCC010V2 Datasheet HTML 6Page - STMicroelectronics STEVAL-PCC010V2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
February 2011
Doc ID 18403 Rev 1
1/7
7
STEVAL-PCC010V2
Ethernet with ST802RT1A and STM32F207
demonstration board
Features
ST802RT1A Ethernet PHY demonstration board:
ST802RT1A Fast Ethernet physical layer
transceiver
Onboard 3.3 V LDO regulator
Onboard 25 MHz crystal
12 jumpers for boot-strap configuration (MII
address, auto-negotiation, loopback, power
down, and MII/RMII configuration)
Several GND test points and jumpers for power
consumption measurement
Connectors
– 20-pin full pitch header connector for debug
purposes (compatible with the STM32F207
controller board)
– RJ45 connector with embedded
transformer
– 40-pin connector footprint compatible with
the spirent communications SmartBits
200/2000 (SMB-200/ SMB-2000) analysis
system (connector is not assembled)
STM32F207 controller demonstration board:
STM32F207 Connectivity Line Cortex-m3
based microcontroller with embedded Ethernet
MAC
Onboard 3.3 V LDO regulator
Onboard 25 MHz crystal
Reset button, power LED, general-purpose
button, and two LEDs
Connectors:
– 20-pin full pitch header connector for debug
purposes and compatibility with the
ST802RT1A demonstration board
– 20-pin JTAG connector
– Additional general purpose 20-pin full pitch
header connector
– USB device connector (+5 V0 Power
supply)
RoHS compliant
Description
The STEVAL-PCC010V2 demonstration board is
an evolution of the STEVAL-PCC010V1 and was
designed to allow evaluation of the ST802RT1A,
Fast Ethernet physical layer (PHY) interface
supporting 100BASE-TX and 10BASE-T
applications.
The PHY provides a media independent interface
(MII) and reduced media independent interface
(RMII) for easy attachment to a 10/100 media
access controllers (MAC).
Many jumpers, test points, and connectors on the
demonstration board enable to test the features
provided by the ST802RT1A Ethernet PHY. An
additional header connector allows connection to
the STM32F207 controller demonstration board
for an immediate evaluation of the complete
application – microcontroller and the physical
layer.
The controller board is pre-flashed with a web
server demo.
The STM32F207 controller demonstration board
is part of the STEVAL-PCC010V2 package
delivery.
STEVAL-PCC010V2
www.st.com


Similar Part No. - STEVAL-PCC010V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-PCC010V1 STMICROELECTRONICS-STEVAL-PCC010V1 Datasheet
167Kb / 9P
ST802RT1A Ethernet PHY demonstration board with STM32F107 controller add-on board
08-Mar-2010
More results

Similar Description - STEVAL-PCC010V2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP11203DB VISHAY-SIP11203DB Datasheet
436Kb / 12P
Demonstration Board
12-Jun-06
logo
Winbond
ISD-ES502 WINBOND-ISD-ES502 Datasheet
242Kb / 7P
Demonstration Board
ISD-ES002 WINBOND-ISD-ES002 Datasheet
152Kb / 1P
Parrot Demonstration Board
ES302 WINBOND-ES302 Datasheet
362Kb / 4P
ES302 DEMONSTRATION BOARD
logo
STMicroelectronics
STEVAL-PCC011V1 STMICROELECTRONICS-STEVAL-PCC011V1 Datasheet
128Kb / 6P
ST802RT1B Ethernet PHY demonstration board
22-Feb-2010
STEVAL-MKI126V3 STMICROELECTRONICS-STEVAL-MKI126V3 Datasheet
568Kb / 9P
STSmartVoice demonstration board
18-Sep-2012
STEVAL-CCH002V2 STMICROELECTRONICS-STEVAL-CCH002V2 Datasheet
227Kb / 9P
HDMI and video switches demonstration board
04-May-2010
STEVAL-PCC010V1 STMICROELECTRONICS-STEVAL-PCC010V1 Datasheet
167Kb / 9P
ST802RT1A Ethernet PHY demonstration board with STM32F107 controller add-on board
08-Mar-2010
AN2487 STMICROELECTRONICS-AN2487 Datasheet
868Kb / 32P
power over Ethernet powered device demonstration board
08-Aug-2008
AN2864 STMICROELECTRONICS-AN2864 Datasheet
1Mb / 29P
VIPER17L demonstration board with wide-range
12-Jul-2009
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com