Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-TLL003V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-TLL003V1
Description  Power flash LED driver evaluation board based on the STCF02
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TLL003V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-TLL003V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TLL003V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TLL003V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TLL003V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
December 2007
Rev 1
1/4
4
STEVAL-TLL003V1
Power flash LED driver evaluation board based on the STCF02
Features
■ Flash LED driver based on the STCF02 high-
power white LED driver
■ A High operating frequency: 1.8 MHz
■ The device can operate in five modes which
are selected using a combination of logic
signals (connected to three enable pins) Five
selectable operating modes:
– Shutdown mode: quiescent current less
than 1µA (typical)
– Shutdown mode with activated negative
temperature coefficient (NTC) LED
temperature sensing, useful for measuring
the temperature before starting both torch
and flash modes
– Torch mode: drives the LED up to 250 mA
– Flash mode: drives the LED up to 600 mA
– Middle flash mode: the current is set
between the torch and the flash mode
levels
Description
This evaluation board is dedicated to the design of
a flash LED driver using the STCF02 step-up/
down current mode converter, providing the
proper recommendations for PCB layout and
external components. The device can operate in
five modes which are selected using a
combination of logic signals (connected to three
enable pins). Also implemented is a simple
programmable RC circuit used to shut down the
device to prevent LED burning during flash mode
in the event of microcontroller fault. This
evaluation board drives a single flash LED with a
forward voltage range of 2.7 to 5 V.
STEVAL-TLL003V1
www.st.com


Similar Part No. - STEVAL-TLL003V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TLL001V1 STMICROELECTRONICS-STEVAL-TLL001V1 Datasheet
66Kb / 4P
White LED controller evaluation board based on the STLD40D
27-Oct-2008
STEVAL-TLL006V2 STMICROELECTRONICS-STEVAL-TLL006V2 Datasheet
255Kb / 4P
New high-power LED driver demo board for single flash with I²C interface based on STCF06 (with motherboard based on µPSD)
March 2012 Rev 1
STEVAL-TLL007V1 STMICROELECTRONICS-STEVAL-TLL007V1 Datasheet
91Kb / 4P
High-power LED driver demonstration board for dual flash with I2C interface based on the STCF05
12-Jan-2010
STEVAL-TLL008V1 STMICROELECTRONICS-STEVAL-TLL008V1 Datasheet
319Kb / 4P
Camera flash with SuperCap based on the STCF04
February 2012 Rev 1
STEVAL-TLL008V2 STMICROELECTRONICS-STEVAL-TLL008V2 Datasheet
262Kb / 4P
Camera flash with SuperCap™ daughterboard based on the STCF04
June 2012 Rev 1
More results

Similar Description - STEVAL-TLL003V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILL038V1 STMICROELECTRONICS-STEVAL-ILL038V1 Datasheet
144Kb / 4P
LED resonant driver demonstration board based on the L6585DE
20-Jul-2011
STEVAL-TLL007V1 STMICROELECTRONICS-STEVAL-TLL007V1 Datasheet
91Kb / 4P
High-power LED driver demonstration board for dual flash with I2C interface based on the STCF05
12-Jan-2010
STEVAL-LNBH01 STMICROELECTRONICS-STEVAL-LNBH01 Datasheet
266Kb / 4P
Power supply evaluation board for LNB based on the LNBH25LS
September 2016 Rev 1
STEVAL-LNBH02 STMICROELECTRONICS-STEVAL-LNBH02 Datasheet
240Kb / 4P
Power supply evaluation board for LNB based on the LNBH25S
September 2016 Rev 1
STEVAL-LNBH04 STMICROELECTRONICS-STEVAL-LNBH04 Datasheet
254Kb / 4P
Power supply evaluation board for LNB based on the LNBH26LS
September 2016 Rev 1
STEVAL-LNBH05 STMICROELECTRONICS-STEVAL-LNBH05 Datasheet
256Kb / 4P
Power supply evaluation board for LNB based on the LNBH26S
19-Sep-2016
STEVAL-LNBH06 STMICROELECTRONICS-STEVAL-LNBH06 Datasheet
279Kb / 4P
Power supply evaluation board for LNB based on the LNBH26S
29-Sep-2016
STEVAL-TLL001V1 STMICROELECTRONICS-STEVAL-TLL001V1 Datasheet
66Kb / 4P
White LED controller evaluation board based on the STLD40D
27-Oct-2008
STEVAL-VNH5019A STMICROELECTRONICS-STEVAL-VNH5019A Datasheet
1Mb / 12P
Motor driver evaluation board based on VNH5019A
16-Sep-2013
STEVAL-VNH5050A STMICROELECTRONICS-STEVAL-VNH5050A Datasheet
1Mb / 12P
Motor driver evaluation board based on VNH5050A
16-Sep-2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com