Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-TLL007V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-TLL007V1
Description  High-power LED driver demonstration board for dual flash with I2C interface based on the STCF05
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TLL007V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-TLL007V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TLL007V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TLL007V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TLL007V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
January 2010
Doc ID 15721 Rev 2
1/4
4
STEVAL-TLL007V1
High-power LED driver demonstration board for dual flash
with I2C interface based on the STCF05
Features
■ Boost DC-DC converter with synchronous
rectification
■ Drives two power white LEDs in series with a
current up to 400 mA
■ Efficiency up to 85%
■ 3 passive components only
■ 24 mm2 PCB area only
■ 1.8 MHz fixed frequency PWM
■ Full I2C control
■ Motherboard based on µPSD used like USB
bridge
■ RoHS compliant
Description
This demonstration board is dedicated to the
STCF05 flash LED driver IC, which is a boost
current mode converter with an I2C interface and
internal current source. The STCF05 is designed
to drive two LEDs in series with a total forward
voltage from 5.3 V to 10.2 V.
For easy connection to a PC, the STEVAL-
TLL007V1 uses a µPSD-based motherboard
used as a bridge.
The STCF05 motherboard uses a USB human
interface device to communicate with the PC. It is
not necessary to install a driver, if the operating
system in use is capable of enumerating USB
human interface devices.
STEVAL-TLL007V1
www.st.com


Similar Part No. - STEVAL-TLL007V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TLL001V1 STMICROELECTRONICS-STEVAL-TLL001V1 Datasheet
66Kb / 4P
White LED controller evaluation board based on the STLD40D
27-Oct-2008
STEVAL-TLL003V1 STMICROELECTRONICS-STEVAL-TLL003V1 Datasheet
104Kb / 4P
Power flash LED driver evaluation board based on the STCF02
10-Dec-2007
STEVAL-TLL006V2 STMICROELECTRONICS-STEVAL-TLL006V2 Datasheet
255Kb / 4P
New high-power LED driver demo board for single flash with I²C interface based on STCF06 (with motherboard based on µPSD)
March 2012 Rev 1
STEVAL-TLL008V1 STMICROELECTRONICS-STEVAL-TLL008V1 Datasheet
319Kb / 4P
Camera flash with SuperCap based on the STCF04
February 2012 Rev 1
STEVAL-TLL008V2 STMICROELECTRONICS-STEVAL-TLL008V2 Datasheet
262Kb / 4P
Camera flash with SuperCap™ daughterboard based on the STCF04
June 2012 Rev 1
More results

Similar Description - STEVAL-TLL007V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
MEMS: demonstration board based on the LPR4150AL
16-Jun-2010
STEVAL-CCA009V1 STMICROELECTRONICS-STEVAL-CCA009V1 Datasheet
109Kb / 5P
High performance stereo headphone driver demonstration board based on the TS4601B
19-Nov-2010
STEVAL-IFP005V2 STMICROELECTRONICS-STEVAL-IFP005V2 Datasheet
204Kb / 4P
High side driver demonstration board based on the VN751PT
16-Jul-2009
STEVAL-ILL038V1 STMICROELECTRONICS-STEVAL-ILL038V1 Datasheet
144Kb / 4P
LED resonant driver demonstration board based on the L6585DE
20-Jul-2011
STEVAL-TLL003V1 STMICROELECTRONICS-STEVAL-TLL003V1 Datasheet
104Kb / 4P
Power flash LED driver evaluation board based on the STCF02
10-Dec-2007
logo
Analog Devices
ADP1655ACBZ-R7 AD-ADP1655ACBZ-R7 Datasheet
664Kb / 24P
Dual LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
STMicroelectronics
STEVAL-CBL004V1 STMICROELECTRONICS-STEVAL-CBL004V1 Datasheet
172Kb / 4P
Power supply demonstration board for LNB based on the LNBH24
April 2010 Rev 1
STEVAL-IPT004V1 STMICROELECTRONICS-STEVAL-IPT004V1 Datasheet
173Kb / 4P
24-pin smartcard interface demonstration board based on the ST8034HN
01-Aug-2013
STEVAL-TLL006V2 STMICROELECTRONICS-STEVAL-TLL006V2 Datasheet
255Kb / 4P
New high-power LED driver demo board for single flash with I²C interface based on STCF06 (with motherboard based on µPSD)
March 2012 Rev 1
logo
Monolithic Power System...
EV3331-C-00A MPS-EV3331-C-00A Datasheet
576Kb / 7P
2A Flash LED Driver With I2C Interface Evaluation Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com