Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-TLL013V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-TLL013V1
Description  5-channel (2 LEDs in series per channel) step-up white LED driver demonstration board based on the STLED25
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TLL013V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-TLL013V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TLL013V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TLL013V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TLL013V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
September 2011
Doc ID 022250 Rev 1
1/4
4
STEVAL-TLL013V1
5-channel (2 LEDs in series per channel) step-up white LED
driver demonstration board based on the STLED25
Features
■ Operating input voltage range from 2.3 V to
5.5 V
■ ± 7.5% LED current accuracy
■ Two LEDs in series per channel
■ High-side current source
■ Up to 125 mA of total LED current
■ 86% efficiency at 100 mA
■ PWM dimming with automatic shutdown time
window
■ 2.5 MHz switching frequency
■ RoHS compliant
Description
The STEVAL-TLL013V1 demonstration board
was designed to demonstrate the performance of
the STLED25, a fixed frequency, high-efficiency,
boost DC-DC converter with five parallel high-side
current sources.
The STLED25 is able to provide 125 mA of total
current with a maximum voltage of 7.5 V on each
channel.
Each current source supports single or dual LED
connections. The output voltage of the step-up
converter is automatically set at 100 mV above
the highest voltage required on any driver to
guarantee the proper operation of the linear
current sources. The device implements a self-
test feature to detect any failure of the LEDs and
to disable the related channel.
The failure status is reset as soon the IC is
disabled. This mode of failure detection allows the
device to continue operating driver channels that
are operating normally, while avoiding excessive
power consumption or associated thermal issues.
STEVAL-TLL013V1
www.st.com


Similar Part No. - STEVAL-TLL013V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TLL011V1 STMICROELECTRONICS-STEVAL-TLL011V1 Datasheet
221Kb / 4P
Driver for up to 40 white LEDs for mid-sized LCD display backlight based on the STLD41
May 2012 Rev 2
STEVAL-TLL012V1 STMICROELECTRONICS-STEVAL-TLL012V1 Datasheet
251Kb / 4P
Full RGB function support
08-Jun-2012
More results

Similar Description - STEVAL-TLL013V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
MEMS: demonstration board based on the LPR4150AL
16-Jun-2010
EVAL5985 STMICROELECTRONICS-EVAL5985 Datasheet
190Kb / 6P
2 A step-down switching regulator demonstration board based on the L5985
19-Jan-2009
STEVAL-IFP005V2 STMICROELECTRONICS-STEVAL-IFP005V2 Datasheet
204Kb / 4P
High side driver demonstration board based on the VN751PT
16-Jul-2009
STEVAL-ILL038V1 STMICROELECTRONICS-STEVAL-ILL038V1 Datasheet
144Kb / 4P
LED resonant driver demonstration board based on the L6585DE
20-Jul-2011
STEVAL-ILL039V1 STMICROELECTRONICS-STEVAL-ILL039V1 Datasheet
194Kb / 4P
Step-up current controller for 2 LEDs based on the STLDC08 driver
31-Oct-2011
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
STEVAL-ISA077V1 STMICROELECTRONICS-STEVAL-ISA077V1 Datasheet
96Kb / 4P
High efficiency synchronous rectifier step-up converter demonstration board based on the L6920DB
17-Nov-2010
STEVAL-ISA077V2 STMICROELECTRONICS-STEVAL-ISA077V2 Datasheet
102Kb / 4P
High efficiency synchronous rectifier step-up converter demonstration board based on the L6920D
17-Nov-2010
STEVAL-ISA092V1 STMICROELECTRONICS-STEVAL-ISA092V1 Datasheet
95Kb / 4P
2 A step-down switching demonstration board based on the L7980
21-Dec-2011
STEVAL-ISA097V1 STMICROELECTRONICS-STEVAL-ISA097V1 Datasheet
309Kb / 4P
2 A step-down switching demonstration board based on the L7985 in DFN10 package
27-Apr-2012
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com