Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6520 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6520
Description  Highly integrated ballast controller for TL and CFL
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6520 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6520 Datasheet HTML 8Page - STMicroelectronics L6520 Datasheet HTML 9Page - STMicroelectronics L6520 Datasheet HTML 10Page - STMicroelectronics L6520 Datasheet HTML 11Page - STMicroelectronics L6520 Datasheet HTML 12Page - STMicroelectronics L6520 Datasheet HTML 13Page - STMicroelectronics L6520 Datasheet HTML 14Page - STMicroelectronics L6520 Datasheet HTML 15Page - STMicroelectronics L6520 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Functions description
L6520, L6521
12/19
Doc ID 16998 Rev 3
5.6.4
Choke saturation control (CSC) during ignition and run mode
The same thresholds used to detect OCPH and OCPL are active.
The control is still based on the time between two consecutive thresholds but its behavior is
different with respect to the OCPH/OCPL detection to take into account the increase of dI/dt
when the inductor is saturating. When either the two lower thresholds are crossed in a time
shorter than 255 ns or the higher threshold is crossed, the LS driver is immediately turned
off and the time between the LS turn on and the instant when the second threshold (THM or
TLM) is crossed is used to calculate the new (higher) frequency.
If this new frequency is higher than 100 kHz then the new frequency will be set at 100 kHz.
The frequency is then decreased with a fixed df/dt equal to dfCCC/dt = - 500 Hz/ms, until the
frequency at which the first threshold was crossed is reached. Then, the decreasing ratio
becomes again dfIGN/dt during ignition whereas, during run mode, the dfCCC/dt decreasing
ratio is maintained until run frequency is reached.
If the run frequency has not been reached after 200 ms from when the lower threshold was
crossed the first time, the IC is turned off (latched).
A leading edge blanking of 255 ns is active.
5.7
End of life (EOL)
An embedded window comparator can be used to detect the end of life (EOL) when the
lamp is directly connected to ground (lamp to ground configuration).
After the ignition sequence, the EOL window comparator becomes active. When the voltage
at EOL pin goes outside the limits of this comparator a 1.5 s timer is started. If the EOL pin
voltage does not return inside the allowed range before the end of the timer, the IC is shut
down (latched).
The EOL pin is biased to the center of the window comparator by means of an OTA (2.5 V
typ. with +/- 1.5 V typ. window), having a current capability equal to 9.1 µA (typ.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com