Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRIS64K Datasheet(PDF) 1 Page - STMicroelectronics

Part # LRIS64K
Description  64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS64K Datasheet(HTML) 1 Page - STMicroelectronics

  LRIS64K Datasheet HTML 1Page - STMicroelectronics LRIS64K Datasheet HTML 2Page - STMicroelectronics LRIS64K Datasheet HTML 3Page - STMicroelectronics LRIS64K Datasheet HTML 4Page - STMicroelectronics LRIS64K Datasheet HTML 5Page - STMicroelectronics LRIS64K Datasheet HTML 6Page - STMicroelectronics LRIS64K Datasheet HTML 7Page - STMicroelectronics LRIS64K Datasheet HTML 8Page - STMicroelectronics LRIS64K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 100 page
background image
October 2011
Doc ID 15336 Rev 11
1/100
1
LRIS64K
64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and
password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
Features
Based on ISO/IEC 15693 and
ISO/IEC 18000-3 mode 1 standards
13.56 MHz ±7 kHz carrier frequency
To tag: 10% or 100% ASK modulation using
1/4 (26 Kbit/s) or 1/256 (1.6 Kbit/s) pulse
position coding
From tag: load modulation using Manchester
coding with 423 kHz and 484 kHz subcarriers
in low (6.6 Kbit/s) or high (26 Kbit/s) data rate
mode. Supports the 53 Kbit/s data rate with
Fast commands
Internal tuning capacitor (27.5 pF)
More than 1 million write cycles
More than 40-year data retention
64 Kbit EEPROM organized into 2048 blocks of
32 bits
64-bit unique identifier (UID)
Multipassword protection
Read Block & Write (32-bit blocks)
Write time: 5.75 ms including the internal verify
Wafer (SBN18)
www.st.com


Similar Part No. - LRIS64K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LRIS2K STMICROELECTRONICS-LRIS2K Datasheet
71Kb / 8P
Memory TAG IC, 64 bit UID, 2048 bit EEPROM with Password 13.56MHz, ISO15693 and ISO18000-3 Mode 1 compliant
28-Apr-2006
LRIS2K STMICROELECTRONICS-LRIS2K Datasheet
852Kb / 102P
2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
08-Apr-2008
LRIS2K-A1S STMICROELECTRONICS-LRIS2K-A1S Datasheet
71Kb / 8P
Memory TAG IC, 64 bit UID, 2048 bit EEPROM with Password 13.56MHz, ISO15693 and ISO18000-3 Mode 1 compliant
28-Apr-2006
LRIS2K-A1S STMICROELECTRONICS-LRIS2K-A1S Datasheet
852Kb / 102P
2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
08-Apr-2008
LRIS2K-A1T STMICROELECTRONICS-LRIS2K-A1T Datasheet
71Kb / 8P
Memory TAG IC, 64 bit UID, 2048 bit EEPROM with Password 13.56MHz, ISO15693 and ISO18000-3 Mode 1 compliant
28-Apr-2006
More results

Similar Description - LRIS64K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LRIS2K STMICROELECTRONICS-LRIS2K Datasheet
71Kb / 8P
Memory TAG IC, 64 bit UID, 2048 bit EEPROM with Password 13.56MHz, ISO15693 and ISO18000-3 Mode 1 compliant
28-Apr-2006
LRI2K STMICROELECTRONICS-LRI2K Datasheet
760Kb / 89P
13.56 MHz, 2048-bit EEPROM tag IC with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
20-Jul-2007
LRI64 STMICROELECTRONICS-LRI64_08 Datasheet
466Kb / 52P
Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
01-Apr-2008
LRI2K STMICROELECTRONICS-LRI2K_08 Datasheet
769Kb / 89P
2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
08-Apr-2008
LRIS2K STMICROELECTRONICS-LRIS2K_08 Datasheet
852Kb / 102P
2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
08-Apr-2008
LRI1K STMICROELECTRONICS-LRI1K Datasheet
638Kb / 86P
1024-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
08-Nov-2010
LRIS2K STMICROELECTRONICS-LRIS2K_11 Datasheet
575Kb / 98P
2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
19-Sep-2011
M24LR64-R STMICROELECTRONICS-M24LR64-R_12 Datasheet
973Kb / 128P
64 Kbit EEPROM with password protection & dual interface: 400 kHz I²C serial bus & ISO 15693 RF protocol at 13.56 MHz
05-Jan-2012
M24LR64-RDW6T-2 STMICROELECTRONICS-M24LR64-RDW6T-2 Datasheet
3Mb / 121P
Dynamic NFC/RFID tag IC with 64-Kbit EEPROM with I²C bus and ISO 15693 RF interface
13-Jun-2013
logo
Omron Electronics LLC
V680 OMRON-V680 Datasheet
16Mb / 59P
RFID Systems with ISO/IEC 18000-3(15693) Compliance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com