Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z02 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M48Z02
Description  5 V, 16 Kbit (2 Kb x 8) ZEROPOWER® SRAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z02 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M48Z02_11 Datasheet HTML 14Page - STMicroelectronics M48Z02_11 Datasheet HTML 15Page - STMicroelectronics M48Z02_11 Datasheet HTML 16Page - STMicroelectronics M48Z02_11 Datasheet HTML 17Page - STMicroelectronics M48Z02_11 Datasheet HTML 18Page - STMicroelectronics M48Z02_11 Datasheet HTML 19Page - STMicroelectronics M48Z02_11 Datasheet HTML 20Page - STMicroelectronics M48Z02_11 Datasheet HTML 21Page - STMicroelectronics M48Z02_11 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
M48Z02, M48Z12
Part numbering
Doc ID 2420 Rev 9
19/22
6
Part numbering
Table 12.
Ordering information scheme
For a list of available options (e.g., speed, package) or for further information on any aspect
of this device, please contact the ST sales office nearest you.
Example:
M48Z
02
–70
PC
1
Device type
M48Z
Supply voltage and write protect voltage
02 = VCC = 4.75 to 5.5 V; VPFD = 4.5 to 4.75 V
12 = VCC = 4.5 to 5.5 V; VPFD = 4.2 to 4.5 V
Speed
–70 = 70 ns (M48Z02/12)
–150 = 150 ns (M48Z02/12)
–200 = 200 ns (M48Z02/12)(1)
1.
Not recommended for new design. Contact local ST sales office for availability.
Package
PC = PCDIP24
Temperature range
1 = 0 to 70 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com