Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24256-DR Datasheet(PDF) 6 Page - STMicroelectronics

Part # M24256-DR
Description  256-Kbit serial I²C bus EEPROM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256-DR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M24256-DR Datasheet HTML 2Page - STMicroelectronics M24256-DR Datasheet HTML 3Page - STMicroelectronics M24256-DR Datasheet HTML 4Page - STMicroelectronics M24256-DR Datasheet HTML 5Page - STMicroelectronics M24256-DR Datasheet HTML 6Page - STMicroelectronics M24256-DR Datasheet HTML 7Page - STMicroelectronics M24256-DR Datasheet HTML 8Page - STMicroelectronics M24256-DR Datasheet HTML 9Page - STMicroelectronics M24256-DR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Description
M24256-BW M24256-BR M24256-BF M24256-DR M24256-DF
6/41
Doc ID 6757 Rev 28
1
Description
The M24256 is a 256-Kbit I2C-compatible EEPROM (Electrically Erasable PROgrammable
Memory) organized as 32 K × 8 bits.
The M24256-BW can operate with a supply voltage from 2.5 V to 5.5 V, the M24256-BR and
M24256-DR can operate with a supply voltage from 1.8 V to 5.5 V, and the M24256-BF and
M24256-DF can operate with a supply voltage from 1.7 V to 5.5 V. All these devices operate
with a clock frequency of 1 MHz (or less), over an ambient temperature range of –40 °C /
+85 °C.
The M24256-Dx offers an additional page, named the Identification Page (64 bytes). The
Identification Page can be used to store sensitive application parameters which can be
(later) permanently locked in Read-only mode.
Figure 1.
Logic diagram
Table 1.
Signal names
Signal name
Function
Direction
E2, E1, E0
Chip Enable
Input
SDA
Serial Data
I/O
SCL
Serial Clock
Input
WC
Write Control
Input
VCC
Supply voltage
VSS
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com