Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRI4K Datasheet(PDF) 7 Page - STMicroelectronics

Part # SRI4K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRI4K Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SRI4K_11 Datasheet HTML 3Page - STMicroelectronics SRI4K_11 Datasheet HTML 4Page - STMicroelectronics SRI4K_11 Datasheet HTML 5Page - STMicroelectronics SRI4K_11 Datasheet HTML 6Page - STMicroelectronics SRI4K_11 Datasheet HTML 7Page - STMicroelectronics SRI4K_11 Datasheet HTML 8Page - STMicroelectronics SRI4K_11 Datasheet HTML 9Page - STMicroelectronics SRI4K_11 Datasheet HTML 10Page - STMicroelectronics SRI4K_11 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
SRI4K
Description
Doc 11605 Rev 5
7/46
1
Description
The SRI4K is a contactless memory, powered by an externally transmitted radio wave. It
contains a 4096-bit user EEPROM. The memory is organized as 128 blocks of 32 bits. The
SRI4K is accessed via the 13.56 MHz carrier. Incoming data are demodulated and decoded
from the received amplitude shift keying (ASK) modulation signal and outgoing data are
generated by load variation using bit phase shift keying (BPSK) coding of a 847 kHz
subcarrier. The received ASK wave is 10% modulated. The data transfer rate between the
SRI4K and the reader is 106 kbit/s in both reception and emission modes.
The SRI4K follows the ISO 14443 part 2 type B recommendation for the radio-frequency
power and signal interface.
Figure 1.
Logic diagram
The SRI4K is specifically designed for short range applications that need re-usable
products. The SRI4K includes an anticollision mechanism that allows it to detect and select
tags present at the same time within range of the reader. The anticollision is based on a
probabilistic scanning method using slot markers. Using the STMicroelectronics single chip
coupler, CRX14, it is easy to design a reader and build a contactless system.
Table 1.
Signal names
Signal names
Description
AC1
Antenna coil
AC0
Antenna coil
AI10878
AC1
SRI4K
AC0
Power
Supply
Regulator
BPSK
Load
Modulator
ASK
Demodulator
4 Kbit
User
EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com