Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRIX4K Datasheet(PDF) 7 Page - STMicroelectronics

Part # SRIX4K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRIX4K Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SRIX4K_11 Datasheet HTML 3Page - STMicroelectronics SRIX4K_11 Datasheet HTML 4Page - STMicroelectronics SRIX4K_11 Datasheet HTML 5Page - STMicroelectronics SRIX4K_11 Datasheet HTML 6Page - STMicroelectronics SRIX4K_11 Datasheet HTML 7Page - STMicroelectronics SRIX4K_11 Datasheet HTML 8Page - STMicroelectronics SRIX4K_11 Datasheet HTML 9Page - STMicroelectronics SRIX4K_11 Datasheet HTML 10Page - STMicroelectronics SRIX4K_11 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
SRIX4K
Description
Doc 8887 Rev 9
7/48
1
Description
The SRIX4K is a contactless memory, powered by an externally transmitted radio wave. It
contains a 4096-bit user EEPROM. The memory is organized as 128 blocks of 32 bits. The
SRIX4K is accessed via the 13.56 MHz carrier. Incoming data are demodulated and
decoded from the received amplitude shift keying (ASK) modulation signal and outgoing
data are generated by load variation using bit phase shift keying (BPSK) coding of a 847
kHz subcarrier. The received ASK wave is 10% modulated. The data transfer rate between
the SRIX4K and the reader is 106 Kbit/s in both reception and emission modes.
The SRIX4K follows the ISO 14443-2 Type B recommendation for the radio-frequency
power and signal interface.
Figure 1.
Logic diagram
The SRIX4K is specifically designed for short range applications that need secure and re-
usable products. The SRIX4K includes an anticollision mechanism that allows it to detect
and select tags present at the same time within range of the reader. The anticollision is
based on a probabilistic scanning method using slot markers. The SRIX4K provides an anti-
clone function which allows its authentication. Using the STMicroelectronics single chip
coupler, CRX14, it is easy to design a reader with the authentication capability and to build a
system with a high level of security.
Table 1.
Signal names
Signal name
Description
AC1
Antenna coil
AC0
Antenna coil
AI06829
AC1
SRIX4K
AC0
Power
Supply
Regulator
BPSK
Load
Modulator
ASK
Demodulator
4 Kbit
User
EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com