Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STI5105 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STI5105
Description  High-performance advanced SD decoder for set-top box
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5105 Datasheet(HTML) 1 Page - STMicroelectronics

  STI5105_08 Datasheet HTML 1Page - STMicroelectronics STI5105_08 Datasheet HTML 2Page - STMicroelectronics STI5105_08 Datasheet HTML 3Page - STMicroelectronics STI5105_08 Datasheet HTML 4Page - STMicroelectronics STI5105_08 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
November 2008
Rev 1
1/5
5
STi5105
High-performance advanced SD decoder for set-top box
Features
■ Enhanced ST20 32-bit VL-RISC CPU
– 200 MHz, single cycle cache, 4 Kbyte
instruction cache, 4 Kbyte data cache, 2
Kbyte SRAM
■ Unified memory interface
– Up to133 MHz,16-bit wide DDR interface
■ Programmable flash memory interface
– SRAM, peripheral, Flash, SFlash™ support
– Support for low-cost DVB-CI and ATAPI
■ Programmable transport interface (PTI)
– Single transport stream input
– Support for DVB transport streams
– Integrated DVB, ICAM descramblers
■ MPEG-2 MP@ML video decoder
– Fully programmable horizontal and vertical
SRCs
■ Graphics/display
– Advanced blitter base compositor
– 8 bpp CLUT graphics, 256 x 30 bits
(AYCbCr) CLUT entries
– 16 bpp true color graphics, RGB565,
ARGB1555, ARGB4444 formats with link-list
control
– Alpha blending, antialiasing, antiflutter,
antiflicker filters
– 2D paced blitter engine with fill function
■ PAL/NTSC/SECAM encoder
– RGB, CVBS, Y/C and YUV outputs with four
10-bit DAC outputs. RGB/CVBS or
YUV/CVBS or YC/CVBS
– Encoding of CGMS, Teletext, WSS, VPS,
close caption
■ Audio subsystem
– MPEG-1 layers I/II
– Simultaneous MPEG audio decode and
output of Dolby streams on S/PDIF
– IEC958/IEC1937 digital audio output
interface
– Integrated stereo audio DAC system
■ Central DMA controller
■ On-chip peripherals
– Two ASCs (UARTs) with Tx and Rx FIFOs
– Three 8-bit banks of parallel I/O and one 7-
bit bank
– One smartcard interface and clock
generator
– Two SSCs for I²C/SPI master/slave
interfaces
– Infrared transmitter/receiver
– Integrated VCXO
– Low-power/RTC/watchdog controller
■ JTAG/TAP interface
■ Package 24 mm x 24 mm LQFP216 or
23 mm x 23 mm BGA.
STV0360
COFDM
+ tuner
STV0297
QAM demodulator
+ tuner
STV0299
and STB6000
tuner
STV0299
and STV6110A
tuner
STV0297
STV0360
QAM demodulator
+ tuner
COFDM
+ tuner
OR
STi5105
Audio
buffer
Video
buffer
DRAM
Smart
card
NOR
Flash
IR
RX/TX
www.st.com


Similar Part No. - STI5105_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI5105-REF/S STMICROELECTRONICS-STI5105-REF/S Datasheet
110Kb / 3P
Low-cost interactive set-top box decoder
Mar-2005
STI5105-REF/T STMICROELECTRONICS-STI5105-REF/T Datasheet
110Kb / 3P
Low-cost interactive set-top box decoder
Mar-2005
More results

Similar Description - STI5105_08

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM7328 BOARDCOM-BCM7328 Datasheet
103Kb / 2P
SINGLE-CHIP SATELLITE SET-TOP BOX DECODER
logo
STMicroelectronics
STI5300 STMICROELECTRONICS-STI5300 Datasheet
86Kb / 3P
High-performance set-top box decoder
September 2005 Rev. 1
STM5105 STMICROELECTRONICS-STM5105 Datasheet
110Kb / 3P
Low-cost interactive set-top box decoder
Mar-2005
STI5517 STMICROELECTRONICS-STI5517 Datasheet
95Kb / 3P
Low-cost set-top box decoder
Oct-2004
STI7141 STMICROELECTRONICS-STI7141 Datasheet
79Kb / 6P
HD decoder for interactive digital cable set-top box
09-Sep-2008
logo
fujitsu semiconductor
MB86H01 FUJITSU-MB86H01 Datasheet
140Kb / 2P
SD Multi-Standard Decoder for Set-Top-Box and iDTV
logo
STMicroelectronics
STI5197 STMICROELECTRONICS-STI5197 Datasheet
84Kb / 4P
Cost-effective QAM demodulator and MPEG2 decoder for SD set-top box applications
23-Mar-2010
STI5205 STMICROELECTRONICS-STI5205 Datasheet
93Kb / 8P
High-performance advanced SD decoder for set-top box
10-Nov-2008
STI5206 STMICROELECTRONICS-STI5206 Datasheet
90Kb / 4P
Advanced SD decoder for set-top box applications
23-Jul-2010
STI5289 STMICROELECTRONICS-STI5289 Datasheet
93Kb / 4P
QPSK demodulator and advanced SD decoder SoC for set-top boxes
10-Jan-2011
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com