| Electronic Components Datasheet Search |
|
STI5162 Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STI5162 Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 7 page ![]() Description STi5162 2/7 1 Description 1.1 General The STi5162 is the latest in the family of STBus set-top box ICs providing high-performance, low-cost system-on-chip (SoC) for MPEG processing in digital terrestrial STBs. It is derived from the STi5107, with the addition of a DVB-T COFDM demodulator and supports multiple platforms using a unified architecture. The STi5162 delivers enhanced performance with respect to previous devices. Main memory is based upon a single 16-bit external SDR SDRAM or DDR DRAM. The display architecture of the devices is based upon a high performance blitter engine that supports CLUT8 and RGB16 formats for background, video and OSD/graphics displays. It makes the porting of middleware easier with improved rendering. 1.2 Applications Figure 1. Basic terrestrial TV STB The STi5162 is designed for low-cost basic STB applications. Its BGA package allows the use of a simple 2-layer PCB, with all signals and power supplies being routed through the top PCB layer. This leaves the bottom PCB layer dedicated to the ground plane and JTAG connections. The STi5162 provides the following features: ● SDR and DDR SDRAM memory interface ● Digital video output port (exclusive with parallel Flash) ● serial Flash interface for program storage ● serial TS input port ● two ASCs (UARTs) STi5162 VCR DVB-T Rx Tuner IR Rx SDR CVBS YC+CVBS RGB or Flash |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |