Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GWKAJRB2.EM Datasheet(PDF) 9 Page - OSRAM GmbH

Part # GWKAJRB2.EM
Description  SOLERIQ E 30
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWKAJRB2.EM Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button GWKAJRB2.EM Datasheet HTML 5Page - OSRAM GmbH GWKAJRB2.EM Datasheet HTML 6Page - OSRAM GmbH GWKAJRB2.EM Datasheet HTML 7Page - OSRAM GmbH GWKAJRB2.EM Datasheet HTML 8Page - OSRAM GmbH GWKAJRB2.EM Datasheet HTML 9Page - OSRAM GmbH GWKAJRB2.EM Datasheet HTML 10Page - OSRAM GmbH GWKAJRB2.EM Datasheet HTML 11Page - OSRAM GmbH GWKAJRB2.EM Datasheet HTML 12Page - OSRAM GmbH GWKAJRB2.EM Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Draft Version 0.0
GW KAJRB2.EM
2012-04-10 Preliminary Data
9
Forward Current 5) page 17
Durchlassstrom 5) Seite 17
I
F = f (VF); TS = 25 °C
Relative Luminous Flux 5) page 17
Relativer Lichtstrom 5) Seite 17
Φ
V/ΦV(600 mA) = f(IF); TS = 25 °C
Chromaticity Coordinate Shift 5) page 17
Farbortverschiebung 5) Seite 17
ΔCx, ΔCy = f(I
F); TS = 25 °C
42UI5010806
36
38
40
42
44
46
48
UF [V]
200
400
600
800
1000
IF [A]
42IB15010806
0
200
400
600
800 1000
IF [A]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Φv
Φv(600 mA)
GWKAJRB2.EM
IF[mA]
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
ΔCx
ΔCy
: ΔCx 2700K
: ΔCy 2700K
: ΔCx 6500K
: ΔCy 6500K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com