Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE8913 Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # APE8913
Description  1.2V/1.32V 1A LOW DROPOUT FIXED-MODE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8913 Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  APE8913 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8913 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8913 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8913 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8913 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8913 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8913 Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Advanced Power
Electronics Corp.
APE8912/APE8913
PIN DESCRIPTIONS
PIN SYMBOL
GND
BLOCK DIAGRAM
3
PIN DESCRIPITON
The input pin of the regulator. A minimum of 1uF connected
from this pin to ground to insure that the input voltage does not
sag below the minimum dropout voltage during the load transient
VOUT
response. This pin must always be 1.5V higher than VOUT in
order for the device to regulate properly.
Ground
VIN
The output of the regulator. A minimum of 1uF capacitor
to ground to insure stability.
(10mΩ < ESR < 1Ω) muse be connected from this pin to



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com