Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP-85220A Datasheet(PDF) 12 Page - Sony Corporation

Part # CXP-85220A
Description  CMOS 8-bit Single-chip Microcomputer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP-85220A Datasheet(HTML) 12 Page - Sony Corporation

Back Button CXP-85220A Datasheet HTML 8Page - Sony Corporation CXP-85220A Datasheet HTML 9Page - Sony Corporation CXP-85220A Datasheet HTML 10Page - Sony Corporation CXP-85220A Datasheet HTML 11Page - Sony Corporation CXP-85220A Datasheet HTML 12Page - Sony Corporation CXP-85220A Datasheet HTML 13Page - Sony Corporation CXP-85220A Datasheet HTML 14Page - Sony Corporation CXP-85220A Datasheet HTML 15Page - Sony Corporation CXP-85220A Datasheet HTML 16Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
– 12 –
CXP85112B/85116B, CXP85220A/85224A/85228A/85232A
AC Characteristics
(1) Clock timing
∗1 tsys indicates the three values below according to the upper two bits (CPU clock selection) of the clock
control register (address: 00FEH).
tsys [ns] = 2000/fc (upper two bits = "00"), 4000/fc (upper two bits = "01"), 16000/fc (upper two bits = "11")
System clock frequency
System clock input
pulse width
System clock input rise
time, fall time
Event clock input clock
pulse width
Event count input clock
rise time, fall time
fC
tXL,
tXH
tCR,
tCF
tEH,
tEL
tER,
tEF
XTAL
EXTAL
EXTAL
EXTAL
EC
EC
MHz
ns
ns
ns
ms
Item
Symbol
Pins
Conditions
Min.
Max.
Unit
Fig. 1, Fig. 2
Fig. 1, Fig. 2
External clock drive
Fig. 1, Fig. 2
External clock drive
Fig. 3
Fig. 3
4.5
200
20
3.5
100
tsys + 50∗1
(Ta = –20 to +75°C, VDD = 4.5 to 5.5V, Vss = 0V reference)
Fig. 1. Clock timing
EXTAL
tXH
tXL
tCF
tCR
0.4V
VDD – 0.4V
1/fc
Fig. 2. Clock applying condition
Crystal oscillation
Ceramic oscillation
EXTAL
XTAL
External clock
EXTAL
XTAL
OPEN
C1
C2
Fig. 3. Event count clock timing
EC
tEH
tEL
tEF
tER
0.2VDD
0.8VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com