Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP86216 Datasheet(PDF) 21 Page - Sony Corporation

Part # CXP86216
Description  CMOS 8-bit Single Chip Microcomputer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP86216 Datasheet(HTML) 21 Page - Sony Corporation

Back Button CXP86216 Datasheet HTML 16Page - Sony Corporation CXP86216 Datasheet HTML 17Page - Sony Corporation CXP86216 Datasheet HTML 18Page - Sony Corporation CXP86216 Datasheet HTML 19Page - Sony Corporation CXP86216 Datasheet HTML 20Page - Sony Corporation CXP86216 Datasheet HTML 21Page - Sony Corporation CXP86216 Datasheet HTML 22Page - Sony Corporation CXP86216 Datasheet HTML 23Page - Sony Corporation CXP86216 Datasheet HTML 24Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
– 21 –
CXP86212/86216, CXP86324/86332, CXP86440/86448/86460
Appendix
Fig. 12. Recommended oscillation circuit
C2
Rd
EXTAL
XTAL
C1
(i) Main clock
TEX
TX
C1
C2
Rd
(iii) Sub clock
Rd
EXTAL
XTAL
C1 C2
(ii) Main clock
Reset pin pull-up resistor
Non-existent
Existent
Item
Content
Mask Option Table
∗ Models with an astarisk (∗) have the built-in ground capacitance (C
1
, C2).
∗1 The series resistor for XTAL (Rd = 500Ω or less) can reduce the effect of the noise caused by the
electrostatic discharge.
Manufacture
RIVER
ELETEC CO.,
LTD.
MURATA MFG
CO., LTD.
CSA10.0MTZ
CSA12.0MTZ
CSA16.00MXZ040
CST10.0MTW∗
CST12.0MTW∗
CST16.00MXW0C1∗
KINSEKI LTD.
Model
HC-49/U03
HC-49/U (-S)
P3
fc (MHz)
10.0
12.0
16.0
10.0
12.0
16.0
8.0
12.0
16.0
8.0
12.0
16.0
30
5
30
5
18
12
10
10
5
OPEN
30
30
5
30
5
18
12
10
10
5
OPEN
33
0 ∗1
330 ∗1
0 ∗1
120k
32.768kHz
(iii)
C1 (pF)
C2 (pF)
Rd (
Ω)
Circuit example
(i)
(i)
(ii)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com