Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMF-50840 Datasheet(PDF) 4 Page - Kyocera Kinseki Corpotation

Part # DMF-50840
Description  Monochrome Graphic & Character LCDs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

DMF-50840 Datasheet(HTML) 4 Page - Kyocera Kinseki Corpotation

  DMF-50840 Datasheet HTML 1Page - Kyocera Kinseki Corpotation DMF-50840 Datasheet HTML 2Page - Kyocera Kinseki Corpotation DMF-50840 Datasheet HTML 3Page - Kyocera Kinseki Corpotation DMF-50840 Datasheet HTML 4Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FPD Total Solution Provider
Page 4
Graphic & Character LCDs
www.kyocera-display.com
Part #
Size
Color Background
Dot Format
Brightness
(nits)
Dimension
(mm)
Temperature
(C)
Interface
MG780
2.4”
120 x 32
25-60
78.0 x 33.2 x 8.5
0 to 70
8- bit Parallel
F-51320
2.8”
128 x 64
60-100
89.7 x 49.8 x 11.8
0 to 50
Parallel
F-55472
2.8”
128 x 64
60 -200
89.7 x 49.8 x 6
0 to 70
8-bit Parallel or Serial
F-51854
4.7
160 x 128
40
129.0 x 102.0 x 13.5
-20 to 70
8-bit Parallel
DMF-5001
4.7”
160 x 128
40
129.0 x 102.0 x 12.8
0 to 50
8-bit Parallel
F-51477
4.7”
320 x 240
150*
116.4 x 94.0 x 6.0
0 to 50
4-bit Parallel
F-55471
5.2”
240 x 64
60 -100
135.2 x 51.7 x 9.8
-20 to 70
8-bit Parallel
F-51405
5.2”
240 x 64
50 - 200
135.2 x 51.7 x 9.8
-20 to 70
8-bit Parallel
F-55157
5.7”
320 x 240
150
143.3 x 109.0 x 11.0
0 to 60
4-bit Paralle
DMF-50840
5.7”
320 x 240
50-60
167.1 x 109.0 x 11.0
0 to 60
4- bit Paralle
Part #
Format
Size
Color
Module Dimension (mm)
Interface
C-51848
16 x 2
4.0”
122.0 x 44.0 x 14.6
8-bit Parallel
DMC-16202
16 x 2
2.5”
84.0 x 45.0 x 15.1
8- bit Parallel
C-51505
20 x 2
3.3”
116. 0 x 37. 0 x 15.7
8-bit Parallel
DMC-20261
20 x 2
3.3”
116.0 x 37.0 x 15.7
8-bit parallel
C-51847
20 x 4
3.0”
98.5 x 61.0 x 15.6
8-bit Parallel
C-51850
40 x 2
6.0”
182.0 x 34.5 x 15.1
8-bit Parallel
C-51849
40 x 4
5.9”
190.0 x 54.0 x 14.6
8-bit Parallel
Graphic LCDs
Character LCDs
KYOCERA Display America, Inc.
46723 Five Mile Road
Plymouth, Michigan 48170
Telephone: (734) 416-8500
Fax: (734) 416-8520
These specifications are subject to change without notice. Please check with KYOCERA Display America prior to designing equipment using this
Released Sept 2011| Copyright © 1998-2012 KYOCERA Display America, Inc.
* RoHS compliance is based upon KYOCERA Display America’s understanding of RoHS and KYOCERA America’s knowledge of the materials used by the manufacturer in its products.
All trademarks are the property of their respective owners.
pc
phone
setup
file
FILE
graph
phone
phone
W
G
W
G
B
W
G
W
G
W
G
B
B
B
B
B
pc
graph
B
F-55472
C-51847
C-51505
Detailed Product Information
phone
setup
setup
phone
file
FILE
F-55471
pp
clock
phone
phone
file
FILE
file
FILE
www.Kyocera-display.com/products
phone
*” Brightness is measured at the backlight surface
pc
phone
file
FILE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com