Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R016 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT46R016
Description  Enhanced A/D Type 8-Bit OTP MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R016 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT46R016 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R016 Datasheet HTML 36Page - Holtek Semiconductor Inc HT46R016 Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R016 Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R016 Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R016 Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R016 Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R016 Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R016 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 91 page
background image
Rev. 1.00
38
���� 1�� �01�
Rev. 1.00
39
���� 1�� �01�
HT46R016/HT46R017
Enhanced A/D 8-Bit OTP MCU
● A/D Inputs
Each device in this series has four inputs to the A/D converter. All of these analog inputs are
pin-shared with I/O pins. If these pins are to be used as A/D inputs and not as I/O pins, then the
corresponding ACEn bits in the A/D converter channel enable control register, ACER, must be
properly setup. If chosen as I/O pins, then full pull-high resistor configurations remain. However,
if used as A/D inputs, then any pull-high resistor configurations associated with these pins will be
automatically disconnected.
I/O Pin Structures
The diagrams illustrate the I/O pin internal structures. As the exact logical construction of the I/O
pin may differ from these drawings, they are supplied as a guide only to assist with the functional
understanding of the I/O pins.
V DD
M
U
X
Wa ke - up Se le ct
S yst em W ak e- up
R ead Da ta R egi st er
D
Q
CK
S
D
Q
CK
S
Co nt ro l Bi t
Da ta B us
Wr it e C ont ro l Re gi st er
Ch ip R es et
Re ad C on tr ol R eg is te r
Wr it e Da ta R egi st er
Da ta B it
I/O p in
Q
Q
PA o nl y
We ak
Pu ll- up
Pu ll -H ig h
Re gi st er
Se le ct
Generic Input/Output Ports
M
U
X
R ead Da ta R egi st er
D
Q
CK S
D
Q
CK S
Co nt ro l Bi t
Da ta B us
Wr it e C ont ro l Re gi st er
Ch ip R es et
Re ad C on tr ol R eg is te r
Wr it e Da ta R egi st er
Da ta B it
PA7
Q
Q
PA WK 7
S yst em W ak e- up( PA7 )
PA7 NMOS Input/Output Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com