Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT47C06L Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT47C06L
Description  R-F Type Low Voltage 8-Bit Mask MCU
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C06L Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT47C06L Datasheet HTML 11Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 12Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 13Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 14Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 15Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 16Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 17Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 18Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
HT47C06L
Rev. 1.00
15
June 15, 2007
Bit No.
Label
Function
0
OVB/OVA
In the RC type A/D converter mode, this bit is used to define the timer/event counter inter-
rupt which comes from timer A or timer B overflow.
(0= timer A overflow; 1= timer B overflow)
In the timer/event counter mode, this bit is void.
1
ADC/TM
Determines whether the 16-bit timer/event counter or RC type A/D converter is enabled.
(0= timer/event counter is enabled; 1= A/D converter is enabled)
2
MODE
Defines the A/D converter operating mode
0= RREF~CREF oscillation (reference resistor and reference capacitor)
1= RSEN~CREF oscillation (resistor sensor and reference capacitor)
3
BON
Low voltage detector disabled/enabled (0=disabled; 1=enabled)
4
BLF
Low voltage flag (0=battery power is good; 1=low battery)
5~7
¾
Unused bit, read as
²0²
ADCR (25H) Register
Example for RC type AD converter mode (Timer A overflow):
clr tmrc
clr adcr.1
; set timer mode
clr intc.4
; clear timers/event counter interrupt request flag
mov a, low (65536-1000)
; give timer A initial value
mov tmrbl, a
; count 1000 time and then overflow
mov a, high (65536-1000)
mov tmrbh, a
mov a, 00000010b
; RREF~CREF; set RC type ADC mode; set Timer A overflow
mov adcr, a
mov a, 00h
; give timer B initial value
mov tmrbl, a
mov a, 00h
mov tmrbh, a
mov a, 01010000b
; timer A clock source=fSYS and timer on
mov tmrc, a
p10:
clr wdt
snz intc.4
; polling timer/event counter interrupt request flag
jmp p10
clr intc.4
; clear timer/event counter interrupt request flag
; program continue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com