Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82M99EE Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT82M99EE
Description  USB Mouse Encoder 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M99EE Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT82M99EE_08 Datasheet HTML 17Page - Holtek Semiconductor Inc HT82M99EE_08 Datasheet HTML 18Page - Holtek Semiconductor Inc HT82M99EE_08 Datasheet HTML 19Page - Holtek Semiconductor Inc HT82M99EE_08 Datasheet HTML 20Page - Holtek Semiconductor Inc HT82M99EE_08 Datasheet HTML 21Page - Holtek Semiconductor Inc HT82M99EE_08 Datasheet HTML 22Page - Holtek Semiconductor Inc HT82M99EE_08 Datasheet HTML 23Page - Holtek Semiconductor Inc HT82M99EE_08 Datasheet HTML 24Page - Holtek Semiconductor Inc HT82M99EE_08 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
HT82M99EE/HT82M99AE
Rev. 1.50
21
December 22, 2008
The SIES Register is used to indicate the present signal state which the USB SIE received and also determines
whether the USB SIE has to change the device address automatically.
Bit No.
Function
Read/Write
Register Address
7
MNI
R/W
01000001B
6~2
¾¾
1
F0_ERR
R/W
0
Adr_set
R/W
SIES (45H) Registers Table
Function
Name
Read/Write
Description
Adr_set
R/W
This bit is used to configure the USB SIE to automatically change the device address with
the value of the Address+Remote_WakeUp Register (42H).
When this bit is set to 1 by F/W, the USB SIE will update the device address with the value
of the Address+Remote_WakeUp Register (42H) after the PC Host has successfully read
the data from the device by the IN operation. The USB SIE will clear the bit after updating
the device address.
Otherwise, when this bit is cleared to
²0², the USB SIE will update the device address im-
mediately after an address is written to the Address+Remote_WakeUp Register (42H).
F0_Err
R/W
This bit is used to indicate when there are some errors that occurred when the FIFO0 is
accessed.
This bit is set by the USB SIE and cleared by F/W.
¾¾
Unused bit, read as
²0²
MNI
R/W
This bit is for masking the NAK interrupt when MNI=
²1², the default value=²0²
SIES Function Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com