Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIOPS10V1 Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SIOPS10V1
Description  Current Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SIOPS10V1 Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SIOPS10V1 Datasheet HTML 1Page - SEC Electronics Inc. SIOPS10V1 Datasheet HTML 2Page - SEC Electronics Inc. SIOPS10V1 Datasheet HTML 3Page - SEC Electronics Inc. SIOPS10V1 Datasheet HTML 4Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
Current Sensors
SIOPSV1
1
V2.00
May 1, 2012
 
IPN = 10…30A
Features
 Open loop transducer using the Hall effect
 Low voltage application
 Unipolar +5VDC power supply
 Primary current measuring range up to ±10..
±30A
 Operating temperature range:-40℃<
TA<+85℃
 Output voltage: fully ratio-metric(gain and
offset)
Advantages
 High accuracy
 Excellent linearity
 Low temperature drift
Hermetic package
Industrial applications
 DC motor drives
 Switched Mode Power Supplies(SMPS)
 AC variable speed drives
 Uninterruptible Power Supplies(UPS)
 Battery supplied applications
 Power supplies for welding application
TYPES OF PRODUCTS
Type
Primary nominal current
r. m. s IPN (A)
Primary current measuring range
IP (A)
SIOPS10V1
10
±10
SIOPS15V1
15
±15
SIOPS20V1
20
±20
SIOPS25V1
25
±25
SIOPS30V1
30
±30
General Description
For the electronic measurement of currents: DC, AC, pulsed.


Similar Part No. - SIOPS10V1

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SIOPS10V1 SECELECTRONICS-SIOPS10V1 Datasheet
268Kb / 5P
Current Sensors
More results

Similar Description - SIOPS10V1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSLA1CD ETC1-CSLA1CD Datasheet
686Kb / 6P
CURRENT SENSORS
logo
SEC Electronics Inc.
SICDS50V6 SECELECTRONICS-SICDS50V6 Datasheet
219Kb / 4P
Current Sensors
SICDS100V6 SECELECTRONICS-SICDS100V6 Datasheet
220Kb / 4P
Current Sensors
SICF3SV2 SECELECTRONICS-SICF3SV2 Datasheet
281Kb / 4P
Current Sensors
SIOLSV2 SECELECTRONICS-SIOLSV2 Datasheet
215Kb / 4P
Current Sensors
SIOT1SV2M SECELECTRONICS-SIOT1SV2M Datasheet
174Kb / 6P
Current Sensors
SIOPSV1 SECELECTRONICS-SIOPSV1_13 Datasheet
268Kb / 5P
Current Sensors
SIOY2CV2 SECELECTRONICS-SIOY2CV2_13 Datasheet
235Kb / 4P
Current Sensors
SIOY2SV2 SECELECTRONICS-SIOY2SV2_13 Datasheet
191Kb / 4P
Current Sensors
logo
RENCO ELECTRONICS, INC.
RL-3410 RENCO-RL-3410 Datasheet
1Mb / 2P
CURRENT SENSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com