Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIOT1SV2 Datasheet(PDF) 3 Page - SEC Electronics Inc.

Part # SIOT1SV2
Description  Current Sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SIOT1SV2 Datasheet(HTML) 3 Page - SEC Electronics Inc.

  SIOT1SV2 Datasheet HTML 1Page - SEC Electronics Inc. SIOT1SV2 Datasheet HTML 2Page - SEC Electronics Inc. SIOT1SV2 Datasheet HTML 3Page - SEC Electronics Inc. SIOT1SV2 Datasheet HTML 4Page - SEC Electronics Inc. SIOT1SV2 Datasheet HTML 5Page - SEC Electronics Inc. SIOT1SV2 Datasheet HTML 6Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
 
SIOT1SV2
Current Sensors
3
V2.00
May 1, 2012
Dimensions SIOT1SV2 (in mm. 1 mm = 0.0394 inch)
1) SIOT1S10…15V2
Terminal Pin
1. Primary input Current(-)
2. Primary input Current(+)
3. Output
4. +15V
5. 0V
6. -15V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com