Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT32F1253 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT32F1253
Description  Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1253 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT32F1253_12 Datasheet HTML 7Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 8Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 9Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 10Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 11Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 12Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 13Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 14Page - Holtek Semiconductor Inc HT32F1253_12 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Rev. 1.10
11 of �5
���i� 1�� �01�
��-bit �RM Co�tex™-M� MCU
HT��F1�51/51B/5�/5�
Watchdog Timer
▀ 12-bit down counter with 3-bit prescaler
▀ Interrupt or reset event for the system
▀ Programmable watchdog timer window function
▀ Write protection function
The Watchdog Timer is a hardware timing circuitry that can be used to detect system failures due
to software malfunctions. It includes a 12-bit down-counting counter, a prescaler, a WDT counter
value register, a WDT delta value register, interrupt related circuits, WDT operation control
circuitry and the WDT protection mechanism. The Watchdog Timer can be operated in an interrupt
mode or a reset mode. The Watchdog Timer will generate an interrupt or a reset when the counter
counts down and reaches a zero value. If the software does not reload the counter value before
the Watchdog Timer underflow occurs, an interrupt or a reset will be generated when the counter
underflows. In addition, an interrupt or reset is also generated if the software reloads the counter
when the counter value is greater than or equal to the WDT delta value. That means the counter
must be reloaded within a limited timing window using a specific method. The Watchdog Timer
counter can be stopped while the processor is in the debug mode. The register write protection
function can be enabled to prevent it from changing the configuration of the Watchdog Timer
unexpectedly.
Real Time Clock
▀ 32-bit up-counter with a programmable prescaler
▀ Alarm function
▀ Interrupt and Wake-up event
The Real Time Clock, RTC, circuitry includes the APB interface, a 32-bit up-counter, a control
register, a prescaler, a compare register and a status register. Most of the RTC circuits are located
in the Backup Domain except for the APB interface. The APB interface is located in the VDD18
domain. Therefore, it is necessary to be isolated from the ISO signal that comes from the power
control unit when the VDD18 domain is powered off, i.e., when the device enters the Power-Down
mode. The RTC counter is used as a wakeup timer to generate a system resume from the
Power-Down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com