Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F23A Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45F23A
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23A Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45F23A Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F23A Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F23A Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F23A Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F23A Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F23A Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F23A Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F23A Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F23A Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 148 page
background image
Rev. 1.00
1�
���� 0�� �01�
Rev. 1.00
1�
���� 0�� �01�
HT45F23A
8-Bit Flash MCU with Op Amps & Comparators
HT45F23A
8-Bit Flash MCU with Op Amps & Comparators
Pin Name
Function
OPT
I/T
O/T
Description
PC�/XT1
PC�
PCPU
ST
CMOS Genera� p�rpose I/O. Register enab�ed p���-�p.
XT1
CO
LXT
—
LXT pin
PC�/XT�
PC�
PCPU
ST
CMOS Genera� p�rpose I/O. Register enab�ed p���-�p.
XT�
CO
—
LXT
LXT pin
PC4/VREF/
VCAP/SCOM1
PC4
PCPU
ST
CMOS Genera� p�rpose I/O. Register enab�ed p���-�p.
VREF
ACSR
AN
—
ADC reference inp�t
VCAP
LDOC
—
—
LDO o�tp�t capacitor pin. Connect a 0.1µF capacitor.
SCOM1
LCDC
—
SCOM Software contro��ed 1/� bias LCD COM
PC5/PWM0/
C1N/SCOM�
PC5
PCPU
ST
CMOS Genera� p�rpose I/O. Register enab�ed p���-�p.
PWM0
BPCTL
—
CMOS PWM0 o�tp�t pin
C1N
CMP1C1 CMPI
—
Comparator 1 inverting inp�t pin
SCOM�
LCDC
—
SCOM Software contro��ed 1/� bias LCD COM
PC6/PWM1/
C�P/SCOM�
PC6
PCPU
ST
CMOS Genera� p�rpose I/O. Register enab�ed p���-�p.
PWM1
BPCTL
—
CMOS PWM1 o�tp�t pin
C�P
CMP�C1 CMPI
—
Comparator � non-inverting inp�t pin
SCOM�
LCDC
—
SCOM Software contro��ed 1/� bias LCD COM
VDD
VDD
—
PWR
—
Power s�pp��
VSS
VSS
—
PWR
—
Gro�nd
Note:I/T:Inputtype
O/T:Outputtype
OPT:Optionalbyconfigurationoption(CO)orregisteroption
PWR:Power
CO:Configurationoption
ST:SchmittTriggerinput
CMOS:CMOSoutput
SCOM:SoftwarecontrolledLCDCOM
HXT:Highfrequencycrystaloscillator
LXT:Lowfrequencycrystaloscillator
OPAI:OperationalAmplifierinput
OPAO:OperationalAmplifieroutput
CMPI:Comparatorinput
CMPO:Comparatoroutput
DAO:D/Aoutput



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com