Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS249 Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SS249
Description  CMOS Omnipolar High Sensitivity Micropower Hall Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS249 Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SS249 Datasheet HTML 1Page - SEC Electronics Inc. SS249 Datasheet HTML 2Page - SEC Electronics Inc. SS249 Datasheet HTML 3Page - SEC Electronics Inc. SS249 Datasheet HTML 4Page - SEC Electronics Inc. SS249 Datasheet HTML 5Page - SEC Electronics Inc. SS249 Datasheet HTML 6Page - SEC Electronics Inc. SS249 Datasheet HTML 7Page - SEC Electronics Inc. SS249 Datasheet HTML 8Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SS249
CMOS Omnipolar High Sensitivity Micropower Hall Switch
Packages
Features and Benefits
Solid-State Reliability much better than reed
Switch
Omnipolar, output switches with absolute value
of North or South pole from magnet
Operation from 3.5V to 24V
High sensitivity for direct reed switch
replacement applications
3 pin SOT23 (suffix SO)
3 pin SIP (suffix UA)
 
 
Functional Block Diagram
Application Examples
Solid state switch
Speed detection
Interrupter
Magnet proximity sensor for reed switch
replacement
 
 
General Description:
The SS249 Omnipolar Hall effect sensor IC is fabricated from mixed signal CMOS technology .It incorporates
advanced chopper-stabilization techniques to provide accurate and stable magnetic switch points.
The output transistor of the SS249 will be latched on (BOP) in the presence of a sufficiently strong South or North
magnetic field facing the marked side of the package. The output will be latched off (BRP) in the absence of a
magnetic field.
 
1
V2.10
May 1, 2012


Similar Part No. - SS249

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS249ESOT SECELECTRONICS-SS249ESOT Datasheet
233Kb / 7P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS249EUA SECELECTRONICS-SS249EUA Datasheet
233Kb / 7P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS249KSOT SECELECTRONICS-SS249KSOT Datasheet
233Kb / 7P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS249KUA SECELECTRONICS-SS249KUA Datasheet
233Kb / 7P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS249LSOT SECELECTRONICS-SS249LSOT Datasheet
233Kb / 7P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
More results

Similar Description - SS249

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS248 SECELECTRONICS-SS248 Datasheet
225Kb / 11P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS4913 SECELECTRONICS-SS4913 Datasheet
225Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS40A SECELECTRONICS-SS40A Datasheet
200Kb / 7P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS256 SECELECTRONICS-SS256 Datasheet
256Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS259 SECELECTRONICS-SS259 Datasheet
256Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS239_1311 SECELECTRONICS-SS239_1311 Datasheet
249Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS247 SECELECTRONICS-SS247 Datasheet
178Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS249_1311 SECELECTRONICS-SS249_1311 Datasheet
233Kb / 7P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS648 SECELECTRONICS-SS648 Datasheet
334Kb / 10P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS3413-A SECELECTRONICS-SS3413-A Datasheet
293Kb / 10P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com