Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS259 Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SS259
Description  CMOS Omnipolar High Sensitivity Micropower Hall Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS259 Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SS259 Datasheet HTML 1Page - SEC Electronics Inc. SS259 Datasheet HTML 2Page - SEC Electronics Inc. SS259 Datasheet HTML 3Page - SEC Electronics Inc. SS259 Datasheet HTML 4Page - SEC Electronics Inc. SS259 Datasheet HTML 5Page - SEC Electronics Inc. SS259 Datasheet HTML 6Page - SEC Electronics Inc. SS259 Datasheet HTML 7Page - SEC Electronics Inc. SS259 Datasheet HTML 8Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SS259
CMOS Omnipolar High Sensitivity Micropower Hall Switch
Packages
Features and Benefits
Operation down to 2.5V
Micropower consumption for battery
powered applications
High sensitivity for direct reed switch
replacement applications
Omnipolar, output switches with absolute
value of North or South pole from magnet
3 pin SOT23 (suffix SO)
3 pin SIP (suffix UA)
 
Functional Block Diagram
Application Examples
Solid-state switch
Handheld Wireless Handset Awake Switch
Lid close sensor for battery powered devices
Magnet proximity sensor for reed switch
replacement in low duty cycle applications
 
General Description:
The SS259 Omnipolar Hall effect sensor IC is fabricated from mixed signal CMOS technology. It incorporates
advanced chopper-stabilization techniques to provide accurate and stable magnetic switch points.
The circuit design provides an internally controlled clocking mechanism to cycle power to the Hall element and
analog signal processing circuits. This serves to place the high current-consuming portions of the circuit into a
“Sleep” mode. Periodically the device is “Awakened” by this internal logic and the magnetic flux from the Hall
element is evaluated against the predefined thresholds. If the flux density is above or below the BOP/BRP thresholds
then the output transistor is driven to change states accordingly. While in the “Sleep” cycle the output transistor is
latched in its previous state. The design has been optimized for service in applications requiring extended operating
lifetime in battery powered systems.
The output transistor of the SS259 will be latched on (BOP) in the presence of a sufficiently strong South or North
magnetic field facing the marked side of the package. The output will be latched off (BRP) in the absence of a
magnetic field.
 
1
V2.10
May 1, 2012


Similar Part No. - SS259

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS259ESOT SECELECTRONICS-SS259ESOT Datasheet
237Kb / 7P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS259EUA SECELECTRONICS-SS259EUA Datasheet
237Kb / 7P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS259KSOT SECELECTRONICS-SS259KSOT Datasheet
237Kb / 7P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS259KUA SECELECTRONICS-SS259KUA Datasheet
237Kb / 7P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS259LSOT SECELECTRONICS-SS259LSOT Datasheet
237Kb / 7P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
More results

Similar Description - SS259

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS248 SECELECTRONICS-SS248 Datasheet
225Kb / 11P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS4913 SECELECTRONICS-SS4913 Datasheet
225Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS40A SECELECTRONICS-SS40A Datasheet
200Kb / 7P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS249 SECELECTRONICS-SS249 Datasheet
249Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS256 SECELECTRONICS-SS256 Datasheet
256Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS239_1311 SECELECTRONICS-SS239_1311 Datasheet
249Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS247 SECELECTRONICS-SS247 Datasheet
178Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS249_1311 SECELECTRONICS-SS249_1311 Datasheet
233Kb / 7P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS648 SECELECTRONICS-SS648 Datasheet
334Kb / 10P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS3413-A SECELECTRONICS-SS3413-A Datasheet
293Kb / 10P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com